Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 2Page - NXP Semiconductors PCF26100 Datasheet HTML 3Page - NXP Semiconductors PCF26100 Datasheet HTML 4Page - NXP Semiconductors PCF26100 Datasheet HTML 5Page - NXP Semiconductors PCF26100 Datasheet HTML 6Page - NXP Semiconductors PCF26100 Datasheet HTML 7Page - NXP Semiconductors PCF26100 Datasheet HTML 8Page - NXP Semiconductors PCF26100 Datasheet HTML 9Page - NXP Semiconductors PCF26100 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
5.2
Pin description
Table 1
Pin description for the TFABGA48 package
SYMBOL
BALL
DESCRIPTION
I/O
SIGNAL TYPE
SOURCE
POR
A1
reset output to baseband controller
O
1
× CMOS output
BB
SHIFTCTRL
C2
test mode
I
non-inverting CMOS input with pull-down
test
VIO_POWER
B1
power-on reset reference
I
Schmitt-trigger input
VDD
C1
core supply voltage
P
core power
LPO_CLK
D1
3.2 kHz low-power clock to baseband controller
O
1
× CMOS output
BB
PX_ON
E1
receive packet synchronization correlation achieved
I
non-inverting CMOS input
BB
VSS(I/O)
E2
I/O ground supply
P
I/O ground
SYS_CLK_REQ
F1
system clock control input from baseband controller
I
non-inverting CMOS input
BB
SYS_CLK
G1
controlled system clock output to baseband
controller
O3
× CMOS output
BB
TX_CLK
F2
transmit data clock output to baseband controller
O
1
× CMOS output
BB
VSS
G2
core ground supply
P
core ground
RX_DATA
H1
receive data output to baseband controller
O
1
× CMOS output
BB
ANATEST
G3
test mode
I
non-inverting CMOS input with pull-down
test
VSS(osc)
H2
oscillator ground supply
P
oscillator ground
XOUT
H3
oscillator output
O
oscillator output
misc
XIN
H4
oscillator input
I
oscillator input
misc
VDD(osc)
H5
oscillator supply voltage
P
oscillator power
VDD(I/O)
G5
I/O supply voltage
P
I/O power
POR_EXT
H6
reset and POR on control input
I
non-inverting CMOS input
host
TEST_EN
H7
test mode
I
non-inverting CMOS input with pull-down
test
SLCCTR
G6
DC offset control to UAA3558
O
1
× CMOS output
VSS(I/O)
G7
I/O ground supply
P
I/O ground
S_EN
H8
serial interface and timing control output to UAA3558
O
1
× CMOS output
UAA
S_CLK
F7
serial interface clock output to UAA3558
O
1
× CMOS output
UAA
S_DATA
G8
serial interface data output to UAA3558
O
1
× CMOS output
UAA
REF_CLK
F8
reference clock output to UAA3558
O
3
× CMOS output
UAA
VSSA
E8, D8
analog ground supply
P
analog ground
RSSI
D7
RSSI analog input from UAA3558
I
analog input
UAA
T_GFSK
C8
analog transmit data output to UAA3558
O
analog output
UAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com