Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 8Page - NXP Semiconductors PCF26100 Datasheet HTML 9Page - NXP Semiconductors PCF26100 Datasheet HTML 10Page - NXP Semiconductors PCF26100 Datasheet HTML 11Page - NXP Semiconductors PCF26100 Datasheet HTML 12Page - NXP Semiconductors PCF26100 Datasheet HTML 13Page - NXP Semiconductors PCF26100 Datasheet HTML 14Page - NXP Semiconductors PCF26100 Datasheet HTML 15Page - NXP Semiconductors PCF26100 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
2001 Jun 19
12
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
6.4
Serial interface
6.4.1
3-WIRE S-BUS
The 3-wire S-bus at the radio side is a 32-bit serial interface which is used for control, TX/RX and channel information.
The 32-bit definition is given in Tables 4 and 5.
Bits 31 to 9 are static values and will not change dynamically, the value for these bits come from the static registers. Only
the trx and main divider fields will control the UAA3558 on a slot-by-slot basis. The trx and main divider information comes
from the baseband controller serial interface channel word; see Section 6.5.1. However, the baseband controller channel
information needs a conversion to get the correct main divider information for the UAA3558.
Table 4
UAA3558 3-wire programming word
Table 5
UAA3558 3-wire programming word (continued)
6.4.2
JTAG
The JTAG serial interface is used to control the PCF26100 and subsequently the radio. The PCF26100 must be the only
slave on the JTAG bus as the PCF26100 does not allow for multi-slave operation. The JTAG interface protocol used is
fully compliant with the standard set out in
“IEEE Std 1149.1-1990”. The following features are supported:
• 5-bit register address
• 8-bit data
• Set instruction register
• Read/write data register (note: some addresses have a separate read and write data register).
The JTAG interface allows for 2 ways of accessing a register. One is the communicate address and data, and the second
one is for successive accesses to the same registers where only the data is communicated. This can, for example, be
used for updating the channel information before every packet.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
test
dpo
BW adjust
strc
sdsn
sdco
ssqs
ssth
dmo
tin
15
14
13
12
11
10
9876543210
tsw
tamp
ref1
ref0
txp1
txp0
pll
trx
main divider (n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com