Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 15Page - NXP Semiconductors PCF26100 Datasheet HTML 16Page - NXP Semiconductors PCF26100 Datasheet HTML 17Page - NXP Semiconductors PCF26100 Datasheet HTML 18Page - NXP Semiconductors PCF26100 Datasheet HTML 19Page - NXP Semiconductors PCF26100 Datasheet HTML 20Page - NXP Semiconductors PCF26100 Datasheet HTML 21Page - NXP Semiconductors PCF26100 Datasheet HTML 22Page - NXP Semiconductors PCF26100 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
2001 Jun 19
19
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
6.5.10
OSCILLATOR TRIM REGISTER (XO_TRIM)
The Oscillator Trim Register is used to control the frequency of the 13 MHz oscillator. This is achieved by controlling the
capacitive load on the XIN and XOUT pins.
Table 31 Oscillator Trim Register
Table 32 Description of XO_trim bits
6.5.11
IDENTIFICATION REGISTER (ID)
The Identification Register is used to identify the radio chip set from the baseband controller. This is a read only register.
Table 33 Identification Register
Table 34 Description of ID bits
7
REFERENCE DOCUMENTS
1. UAA3558 Bluetooth RF Transceiver (Philips data sheet).
2. PCF26002 Bluetooth baseband controller (Philips data sheet).
3. BlueRF specification (ARM Ltd).
ADDRESS
76543210
19 (decimal)
−
XO_trim.
6
XO_trim.
5
XO_trim.
4
XO_trim.
3
XO_trim.
2
XO_trim.
1
XO_trim.
0
BIT
SYMBOL
DESCRIPTION
7
−
This bit is reserved and should not be used.
6
XO_trim.6
add 6 pF to XIN and XOUT
5
XO_trim.5
add 3 pF to XIN and XOUT
4
XO_trim.4
add 1.5 pF to XIN and XOUT
3
XO_trim.3
add 0.75 pF to XIN and XOUT
2
XO_trim.2
add 0.375 pF to XIN and XOUT
1
XO_trim.1
add 0.1875 pF to XIN and XOUT
0
XO_trim.0
add 0.09375 pF to XIN and XOUT
ADDRESS
76543210
19 (decimal)
ID.7
ID.6
ID.5
ID.4
ID.3
ID.2
ID.1
ID.0
BIT
SYMBOL
DESCRIPTION
7 to 0
ID.[7:0]
These 8 bits determine the radio chip set identification (value = A1H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com