Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 13Page - NXP Semiconductors PCF26100 Datasheet HTML 14Page - NXP Semiconductors PCF26100 Datasheet HTML 15Page - NXP Semiconductors PCF26100 Datasheet HTML 16Page - NXP Semiconductors PCF26100 Datasheet HTML 17Page - NXP Semiconductors PCF26100 Datasheet HTML 18Page - NXP Semiconductors PCF26100 Datasheet HTML 19Page - NXP Semiconductors PCF26100 Datasheet HTML 20Page - NXP Semiconductors PCF26100 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
2001 Jun 19
17
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
Table 25 GFSK table reset values
Table 26 GFSK value calculation
Note
1. Where
and
TABLE ADDRESS
(DECIMAL)
RESET VALUE
(HEX)
12
91
11
90
10
8E
989
881
774
664
554
447
33E
23A
138
037
TABLE ADDRESS
(DECIMAL)
CALCULATION(1)
VALUE AT 3 V
DECIMAL
HEX
0
59
3B
1
60
3C
2
62
3E
3
66
42
4
74
4A
5
87
57
6
102
66
7
117
75
8
130
82
9
138
8A
10
142
8E
11
144
90
12
145
91
DCBias
A
96
–
×
()
+
[] B
×
DCBias
A
94
–
×
()
+
[] B
×
DCBias
A
90
–
×
()
+
[] B
×
DCBias
A
80
–
×
()
+
[] B
×
DCBias
A
62
–
×
()
+
[] B
×
DCBias
A
34
–
×
()
+
[] B
×
DCBias
A
0
×
()
+
[] B
×
DCBias
A
34
×
()
+
[] B
×
DCBias
A
62
×
()
+
[] B
×
DCBias
A
80
×
()
+
[] B
×
DCBias
A
90
×
()
+
[] B
×
DCBias
A
94
×
()
+
[] B
×
DCBias
A
96
×
()
+
[] B
×
A
Amp
96
------------
=
B
255
V
DDA
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com