Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 14Page - NXP Semiconductors PCF26100 Datasheet HTML 15Page - NXP Semiconductors PCF26100 Datasheet HTML 16Page - NXP Semiconductors PCF26100 Datasheet HTML 17Page - NXP Semiconductors PCF26100 Datasheet HTML 18Page - NXP Semiconductors PCF26100 Datasheet HTML 19Page - NXP Semiconductors PCF26100 Datasheet HTML 20Page - NXP Semiconductors PCF26100 Datasheet HTML 21Page - NXP Semiconductors PCF26100 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
2001 Jun 19
18
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
6.5.8
CONTROL REGISTER (CONTROL)
The Control Register is used to control SYS_CLK in the adapter.
Table 27 Control Register
Table 28 Description of CONTROL bits
6.5.9
ENABLE REGISTER (ENABLE)
The Enable Register is used to control functions in the adapter.
Table 29 Enable Register
Table 30 Description of ENABLE bits
ADDRESS
76543210
22 (decimal)
−−−−−
rdy
−−
BIT
SYMBOL
DESCRIPTION
7to3
−
These 5 bits are reserved and are not to be used.
2
rdy
Baseband ready. This bit is used to control the function of SYS_CLK_REQ.
1
−
These 2 bits are reserved and are not to be used.
0
−
ADDRESS
76543210
25 (decimal)
gfsk float
grst
pa float
clk en
test.2
test.1
test.0
−
BIT
SYMBOL
DESCRIPTION
7
gfsk float
Controls the T_GFSK output outside TX packet. If gfsk = 0, then output tied to ground. If
gfsk = 1, then output floats.
6
grst
GFSK table address reset. Writing a logic 1 will reset the GFSK table addressing.
5
pa float
Controls the PA output outside TX packet. If pa float = 0, then output tied to ground. If
pa float = 1, then output floats.
4
clk en
Enables the 2.048 MHz clock on T_SW. If clk en = 0, then pin T_SW = T_SW. If
clk en = 1, then pin T_SW = 2.048 MHz.
3
test.2
These 3 bits are used for test purposes.
2
test.1
1
test.0
0
−
This bit is reserved and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com