Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 20Page - NXP Semiconductors PCF26100 Datasheet HTML 21Page - NXP Semiconductors PCF26100 Datasheet HTML 22Page - NXP Semiconductors PCF26100 Datasheet HTML 23Page - NXP Semiconductors PCF26100 Datasheet HTML 24Page - NXP Semiconductors PCF26100 Datasheet HTML 25Page - NXP Semiconductors PCF26100 Datasheet HTML 26Page - NXP Semiconductors PCF26100 Datasheet HTML 27Page - NXP Semiconductors PCF26100 Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
2001 Jun 19
24
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
12 PACKAGE OUTLINE
0.5
A1
b
A2
UNIT
D
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
00-10-10
IEC
JEDEC
EIAJ
mm
1.12
0.28
0.16
0.84
0.76
5.1
4.9
y1
5.1
4.9
0.37
0.27
0.12
DIMENSIONS (mm are the original dimensions)
SOT641-1
MO-211
E
0.15
0.1
e1
3.5
v
0.1
w
0
2.5
5 mm
scale
SOT641-1
TFBGA48: plastic thin fine-pitch ball grid array package; 48 balls; body 5 x 5 x 0.8 mm
A
max.
A
A2
A1
detail X
y
y1 C
e
e
∅ w
b
X
D
E
C
M
A
B
C
D
E
F
H
G
2468
1357
B
A
M
vA
M
vB
e1
e1
ball A1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com