Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 12Page - NXP Semiconductors PCF26100 Datasheet HTML 13Page - NXP Semiconductors PCF26100 Datasheet HTML 14Page - NXP Semiconductors PCF26100 Datasheet HTML 15Page - NXP Semiconductors PCF26100 Datasheet HTML 16Page - NXP Semiconductors PCF26100 Datasheet HTML 17Page - NXP Semiconductors PCF26100 Datasheet HTML 18Page - NXP Semiconductors PCF26100 Datasheet HTML 19Page - NXP Semiconductors PCF26100 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
2001 Jun 19
16
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
Table 21 Register values range and actual timings
6.5.5
RSSI
The RSSI is read via the serial interface. The UAA3558 provides an analog RSSI output. The interface logic converts the
analog RSSI value and stores the result in a serial interface register. The timing for converting the RSSI is programmed
using the RSSI_start register. The RSSI can only be measured starting 10
µs after the S_EN falling edge. The RSSI
value can only be read from the serial interface register after the measurement has been completed, this is at the end of
the packet. RSSI measurements are only done in receive packets.
Table 22 RSSI control word
6.5.6
TRANSMIT POWER CONTROL
The transmit power can be controlled from a serial interface register. The 8-bit transmit power control word is used to
control the PA DAC. Writing to the PA DAC register will directly change the PA DAC output. The PA control register
should be written when the transmitter is not active.
Table 23 Unidirectional JTAG PA control word
6.5.7
GFSK TABLE
The values for the GFSK filter are stored in a 13-byte GFSK table. The GFSK table is accessed through a single control
word which is used to store the data in the GFSK table on subsequent writes. To align the writing to the GFSK table a
table address reset bit is available in the Enable register. When the reset bit ‘grst’ in the Enable register is set to a logic 1
the GFSK table address will be reset and the next GFSK control word is written at location 0 in the GFSK table. Every
subsequent write to the GFSK control word will be stored at the next address in the GFSK table. If the last address is
reached, subsequent writes will continue to effect the last address.
The values for the GFSK table depend on the reference voltage on VDDA. The T_GFSK signal should have a DC_Bias
of 1.2 V with a peak-to-peak swing of 1 V (amplitude = 0.5 V). For this the values for the GFSK table are calculated as
shown in Table 26.
Table 24 Unidirectional JTAG GFSK control word
REGISTER
RANGE
TIMING
ACTUAL VALUE
UNIT
S_EN_START
0 < x < 256
t2 and t5
S_EN_START + (0 to 1)
µs
S_EN_WIDTH
0 < x < 256
t6
S_EN_WIDTH
µs
T_SW_START
S_EN_START < x < 256
t17
T_SW_START + (0 to 1)
µs
SLCCTR_START
0 < x < 256
t13
SLCCTR_START + 1
µs
S_EN_PULSE_DEL
0 < x < 256
t7 and t8
S_EN_PULSE_DEL + (0 to 1)
µs
RSSI_START
0 < x < 256
t4
RSSI_START
µs
GFSK_DC_BIAS
0 < x < 256
t10
GFSK_DC_BIAS + (0 to 1)
µs
ADDRESS
76543210
18 (decimal)
RSSI
ADDRESS
76543210
24 (decimal)
PA power control
GFSK_TABLE
76543210
28 (decimal)
GFSK table value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com