Electronic Components Datasheet Search
  English  ▼

X  

PCF26100 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 3Page - NXP Semiconductors PCF26100 Datasheet HTML 4Page - NXP Semiconductors PCF26100 Datasheet HTML 5Page - NXP Semiconductors PCF26100 Datasheet HTML 6Page - NXP Semiconductors PCF26100 Datasheet HTML 7Page - NXP Semiconductors PCF26100 Datasheet HTML 8Page - NXP Semiconductors PCF26100 Datasheet HTML 9Page - NXP Semiconductors PCF26100 Datasheet HTML 10Page - NXP Semiconductors PCF26100 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
PACNTL
B8
analog PA control output to external PA
O
analog output
misc
VDDA
C7
analog supply voltage
P
analog power
R_DATA
B7
receive data input from UAA3558 (UAA3558
output = 0 to 2.2 V)
I
non-inverting CMOS input
UAA
T_SW
A8
transmit switch timing control to UAA3558
multiplexed with 2.048 MHz clock output
O3
× CMOS output
UAA
SCANTEST
B6
test mode
I
non-inverting CMOS input with pull-down
test
TX_DATA
A7
transmit data
I
non-inverting CMOS input
BB
VSS(I/O)
A6
I/O ground supply
P
I/O ground
SYNTH_ON
A5
timing control input from baseband controller
I
non-inverting CMOS input
BB
UBMODE
A4
unidirectional/bidirectional mode selection
I
non-inverting CMOS input
misc
VDD(I/O)
B4
I/O supply voltage
P
I/O power
SI_CLK
A3
serial interface clock input from baseband controller
I
non-inverting CMOS input
BB
SI_CMS
A2
serial interface mode select input from baseband
controller
I
non-inverting CMOS input
BB
SI_CDI
B3
serial interface data input from baseband controller
I
non-inverting CMOS input
BB
SI_CDO
B2
serial interface data output to baseband controller
O
1
× CMOS output
BB
SYMBOL
BALL
DESCRIPTION
I/O
SIGNAL TYPE
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com