Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 25Page - Cypress Semiconductor CCG3PA Datasheet HTML 26Page - Cypress Semiconductor CCG3PA Datasheet HTML 27Page - Cypress Semiconductor CCG3PA Datasheet HTML 28Page - Cypress Semiconductor CCG3PA Datasheet HTML 29Page - Cypress Semiconductor CCG3PA Datasheet HTML 30Page - Cypress Semiconductor CCG3PA Datasheet HTML 31Page - Cypress Semiconductor CCG3PA Datasheet HTML 32Page - Cypress Semiconductor CCG3PA Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 29 of 37
EZ-PD™ CCG3PA Datasheet
Ordering Information
Table 42 lists the EZ-PD CCG3PA part numbers and features.
Ordering Code Definitions
Table 42. CCGPA Ordering Information
MPN
Application
Termination
Resistor
Role
Bootloader[7]
Package Type
Si ID
CYPD3171-24LQXQ Power Bank
RP, RD, RD-DB
DRP
UFP CC Bootloader
24-Pin QFN
2003
CYPD3174-16SXQ
Power Adapter based
on Opto Coupler
Feedback
RP
DFP
DFP CC with Opto Coupler
Feedback Bootloader
16-Pin SOIC
2001
CYPD3174-24LQXQ
Power Adapter based
on Opto Coupler
Feedback
RP
DFP
DFP CC with Opto Coupler
Feedback Bootloader
24-Pin QFN
2000
CYPD3175-24LQXQ Power Adapter based
on Direct Feedback
RP
DFP
DFP CC with Direct
Feedback Bootloader
24-Pin QFN
2002
T = Tape and Reel
Temperature Grade:
Q = Extended industrial (–40 °C to +105 °C)
Lead: X = Pb-free
Package Type: LQ = QFN; S = SOIC
Number of pins in the package
Application and Feature Combination Designation
Number of Type-C Ports: 1 = 1 Port, 2 = 2 Port
Product Type: 3 = Third-generation product family
Marketing Code: PD = Power Delivery product family
Company ID: CY = Cypress
CY
XX
PD
X
X XX
XX
-
X
X
X
Note
7. It is assumed that VBUS is at 5V by default. Bootloader execution is not responsible for controlling the generation of 5V VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com