Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 20Page - Cypress Semiconductor CCG3PA Datasheet HTML 21Page - Cypress Semiconductor CCG3PA Datasheet HTML 22Page - Cypress Semiconductor CCG3PA Datasheet HTML 23Page - Cypress Semiconductor CCG3PA Datasheet HTML 24Page - Cypress Semiconductor CCG3PA Datasheet HTML 25Page - Cypress Semiconductor CCG3PA Datasheet HTML 26Page - Cypress Semiconductor CCG3PA Datasheet HTML 27Page - Cypress Semiconductor CCG3PA Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 24 of 37
EZ-PD™ CCG3PA Datasheet
Internal Low-Speed Oscillator Power Down
Table 25. ILO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/Conditions
SID231
IILO1
ILO operating current
–
0.3
1.05
µA
–
SID233
IILOLEAK
ILO leakage current
–
2
15
nA
–
Table 26. ILO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/Conditions
SID234
TSTARTILO1
ILO start-up time
–
–
2
ms
Guaranteed by Character-
ization
SID238
TILODUTY
ILO duty cycle
40
50
60
%
Guaranteed by Character-
ization
SID.CLK#5
FILO
ILO frequency
20
40
80
kHz
–
Table 27. PD DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/Conditions
SID.PD.1
Rp_std
DFP CC termination for default USB
Power
64
80
96
µA
–
SID.PD.2
Rp_1.5A
DFP CC termination for 1.5A power
166
180 194.4
µA
–
SID.PD.3
Rp_3.0A
DFP CC termination for 3.0A power
304
330 356.4
µA
–
SID.PD.4
Rd
UFP CC termination
4.59
5.1
5.61
kΩ
–
SID.PD.5
Rd_DB
UFP (Power Bank) Dead Battery CC
Termination on CC1 and CC2
4.08
5.1
6.12
kΩ
All supplies forced to 0V
and 1.32 V applied at CC1
or CC2
SID.PD.6
Vgndoffset
Ground offset tolerated by BMC
receiver
–500
–
500
mV
Relative to the remote
BMC transmitter.
Table 28. LS-CSA Specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/Conditions
SID.LSCSA.1
Cin_inp
CSP Input capacitance
7
–
10
pF
Guaranteed by
characterization
SID.LSCSA.2
Csa_Acc1
CSA accuracy 5 mV < Vsense < 10 mV
–15
–
15
%
Active Mode
SID.LSCSA.3
Csa_Acc2
CSA accuracy 10 mV < Vsense < 15 mV –10
–
10
%
SID.LSCSA.4
Csa_Acc3
CSA accuracy 15 mV < Vsense < 20 mV
–6
–
6
%
SID.LSCSA.5
Csa_Acc4
CSA accuracy 20 mV < Vsense < 30 mV
–5
–
5
%
SID.LSCSA.6
Csa_Acc5
CSA accuracy 30 mV < Vsense < 50 mV
–4
–
4
%
SID.LSCSA.7
Csa_Acc6
CSA accuracy 50 mV < Vsense
–4
–
4
%
SID.LSCSA.8
Csa_SCP_Acc1 CSA SCP 80 mV
–16.5
–
30
%
SID.LSCSA.9
Csa_SCP_Acc2 CSA SCP 100 mV
–13.4
–
24
%
SID.LSCSA.10 Csa_SCP_Acc3 CSA SCP 150 mV
–9.4
–
16
%
SID.LSCSA.11 Csa_SCP_Acc4 CSA SCP 200 mV
–7.5
–
12
%
SID.LSCSA.12 Av
Nominal Gain values supported: 5, 10,
20, 35, 50, 75, 125, 150
5–
150
V/V
SID.LSCSA.24 Av1_E_Trim
Gain Error
–3
–
3
%
Guaranteed by
characterization
SID.LSCSA.31 Av_E_SCP
Gain Error of SCP stage
–3.5
–
3.5
%
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com