Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 1 Page - Cypress Semiconductor

  CCG3PA Datasheet HTML 1Page - Cypress Semiconductor CCG3PA Datasheet HTML 2Page - Cypress Semiconductor CCG3PA Datasheet HTML 3Page - Cypress Semiconductor CCG3PA Datasheet HTML 4Page - Cypress Semiconductor CCG3PA Datasheet HTML 5Page - Cypress Semiconductor CCG3PA Datasheet HTML 6Page - Cypress Semiconductor CCG3PA Datasheet HTML 7Page - Cypress Semiconductor CCG3PA Datasheet HTML 8Page - Cypress Semiconductor CCG3PA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
EZ-PD™ CCG3PA Datasheet
USB Type-C Port Controller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-16951 Rev. *F
Revised March 2, 2018
General Description
EZ-PD™ CCG3PA is Cypress’ highly integrated USB Type-C port controller that complies with the latest USB Type-C and PD
standards and is targeted for PC power adapters, mobile chargers, car chargers, and power bank applications. In such applications,
CCG3PA provides additional functionalities and BOM integration advantages. CCG3PA uses Cypress’ proprietary M0S8 technology
with a 32-bit Arm® Cortex™-M0 processor, 64-KB flash, a complete Type-C USB-PD transceiver, all termination resistors required for
a Type-C port, an integrated feedback control circuitry for voltage (VBUS) regulation and system-level ESD protection. It is available
in 24-pin QFN and 16-pin SOIC packages.
Features
Type-C Support and USB-PD Support
■ Supports USB PD3.0 Version 1.1 Spec including Program-
mable Power Supply Mode
■ Configurable resistors RP and RD
■ Supports one USB Type-C port and one Type-A port
2x Legacy/Proprietary Charging Blocks
■ Supports QC 4.0, Apple charging 2.4A, AFC, BC 1.2
■ Integrates all required terminations on DP/DM lines
Integrated Voltage (VBUS) Regulation and Current
Sense Amplifier
■ Analog regulation of secondary side feedback node (direct
feedback or opto coupler)
■ Integrated shunt regulator function for VBUS control
■ Constant current or constant voltage mode
■ Supports low-side current sensing for constant current control
System-Level Fault Protection
■ VBUS to CC Short Protection
■ On-chip OVP, OCP, UVP, and SCP
■ Supports OTP through integrated ADC circuit
32-bit MCU Subsystem
■ Arm Cortex-M0 CPU
■ 64-KB Flash
■ 8-KB SRAM
Clocks and Oscillators
■ Integrated oscillator eliminating the need for external clock
Power
■ 3.0-V to 24.5-V operation (30-V tolerant)
System-Level ESD Protection
■ On CC, VBUS_C_MON_DISCHARGE, DP0, DM0, P2.2, and
P2.3 pins
■ ± 8-kV Contact Discharge and ±15-kV Air Gap Discharge based
on IEC61000-4-2 level 4C
Packages
■ 24-pin QFN and 16-pin SOIC
■ Supports extended industrial temperature range
(–40 °C to +105 °C)


Similar Part No. - CCG3PA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
TDK Electronics
CCG3-12-03DF TDK-CCG3-12-03DF Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
CCG3-12-03DR TDK-CCG3-12-03DR Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
CCG3-12-03SF TDK-CCG3-12-03SF Datasheet
182Kb / 2P
DC-DC Converters
May 17, 2022
CCG3-12-03SF TDK-CCG3-12-03SF Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
More results

Similar Description - CCG3PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com