Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 21Page - Cypress Semiconductor CCG3PA Datasheet HTML 22Page - Cypress Semiconductor CCG3PA Datasheet HTML 23Page - Cypress Semiconductor CCG3PA Datasheet HTML 24Page - Cypress Semiconductor CCG3PA Datasheet HTML 25Page - Cypress Semiconductor CCG3PA Datasheet HTML 26Page - Cypress Semiconductor CCG3PA Datasheet HTML 27Page - Cypress Semiconductor CCG3PA Datasheet HTML 28Page - Cypress Semiconductor CCG3PA Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 25 of 37
EZ-PD™ CCG3PA Datasheet
Table 29. LS-CSA AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.LSCSA.AC.1 TOCP_GPIO
Delay from OCP threshold trip to
output GPIO toggle
–
–
20
µs
Available on P1.0 or P1.1
SID.LSCSA.AC.2 TOCP_Gate
Delay from OCP threshold trip to
external PFET Power Gate Turn off
––
50
µs
–
SID.LSCSA.AC.3 TSCP_GPIO
Delay from SCP threshold trip to
output GPIO toggle
–
–
15
µs
Available on P1.0 or P1.1
SID.LSCSA.AC.4 TSCP_Gate
Delay from SCP threshold trip to
external PFET Power Gate Turn off
––
50
µs
–
SID.LSCSA.AC.5 TSR_GPIO
Delay from SR threshold trip to output
GPIO toggle
–
–
20
µs
Available on P1.0 or P1.1
Table 30. UV/OV Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.UVOV.1
VTHOV1
Overvoltage Threshold Accuracy,
4.0 V to 11.0 V
–3
–
3
%
Active Mode
SID.UVOV.2
VTHOV2
Overvoltage Threshold Accuracy,
11 V to 27.4 V
–3.2
–
3.2
%
SID.UVOV.3
VTHUV1
Undervoltage Threshold Accuracy,
2.7 V to 3.3 V
-4
–
4
%
SID.UVOV.4
VTHUV2
Undervoltage Threshold Accuracy,
3.3 V to 4.0 V
–3.5
–
3.5
%
SID.UVOV.5
VTHUV3
Undervoltage Threshold Accuracy,
4.0 V to 11.0 V
–3
–
3
%
SID.UVOV.6
VTHUV4
Undervoltage Threshold Accuracy,
11.0 V to 22.0 V
–2.9
–
2.9
%
Table 31. UV/OV AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.UVOV.AC.1 TOV_GPIO
Delay from UV threshold trip to
output GPIO toggle
–
–
20
µs
Available on P1.0 or P1.1
SID.UVOV.AC.2 TOV_GATE
Delay from UV threshold trip to
external PFET power gate turn off
––
50
µs
–
SID.UVOV.AC.3 TUV_GPIO
Delay from UV threshold trip to
output GPIO toggle
–
–
20
µs
Available on P1.0 or P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com