Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 16Page - Cypress Semiconductor CCG3PA Datasheet HTML 17Page - Cypress Semiconductor CCG3PA Datasheet HTML 18Page - Cypress Semiconductor CCG3PA Datasheet HTML 19Page - Cypress Semiconductor CCG3PA Datasheet HTML 20Page - Cypress Semiconductor CCG3PA Datasheet HTML 21Page - Cypress Semiconductor CCG3PA Datasheet HTML 22Page - Cypress Semiconductor CCG3PA Datasheet HTML 23Page - Cypress Semiconductor CCG3PA Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 20 of 37
EZ-PD™ CCG3PA Datasheet
Table 9. GPIO_20VT DC Specifications (Applicable to port pins P2.2 and P2.3 only)
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID.GPIO_20VT#4
GPIO_20VT_I_LU
GPIO_20VT Latch up current
limits
–140
–
140
mA
Max / min current in to any input
or output, pin-to-pin,
pin-to-supply
SID.GPIO_20VT#5
GPIO_20VT_RPU
GPIO_20VT Pull-up resistor
value
1–
25
kΩ
+25 °C TA, 1.4 V to
GPIO_20VT_Voh(min)
SID.GPIO_20VT#6
GPIO_20VT_RPD
GPIO_20VT Pull-down resistor
value
2.5
–
20
kΩ
+25°C TA, 1.4-V to VDDD
SID.GPIO_20VT#16 GPIO_20VT_IIL
GPIO_20VT Input leakage
current (absolute value)
–
–
2
nA
+25°C TA, 3-V VDDD
SID.GPIO_20VT#17 GPIO_20VT_CPIN
GPIO_20VT pin capacitance
15
–
25
pF
–40 °C to +85 °C TA, All VDDD,
F=1 MHz
SID.GPIO_20VT#36 GPIO_20VT_Vol
GPIO_20VT Output Voltage low
level.
–
–
0.4
V
IOL = 2 mA
SID.GPIO_20VT#41 GPIO_20VT_Vih_LVTTL
GPIO_20VT LVTTL Input Voltage
high level.
2–
–
V
VDDD 2.7 V
SID.GPIO_20VT#42 GPIO_20VT_Vil_LVTTL
GPIO_20VT LVTTL Input Voltage
low level.
–
–
0.8
V
VDDD 2.7 V
SID.GPIO_20VT#43 GPIO_20VT_Vhysttl
GPIO_20VT Input hysteresis
LVTTL
15
40
–
mV
VDDD 2.7 V
SID.GPIO_20VT#69 GPIO_20VT_IDIODE
GPIO_20VT Current through
protection diode to VDDD/VSS
–
–
100
µA
Table 10. GPIO_20VT AC Specifications (Applicable to port pins P2.2 and P2.3 only)
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID.GPIO_20VT#70 GPIO_20VT_TriseF GPIO_20VT Rise time in
Fast Strong Mode
1
–
45
ns All VDDD, Cload = 25 pF
SID.GPIO_20VT#71 GPIO_20VT_TfallF
GPIO_20VT Fall time in Fast
Strong Mode
2
–
15
ns All VDDD, Cload = 25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com