Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 2 Page - Cypress Semiconductor

  CCG3PA Datasheet HTML 1Page - Cypress Semiconductor CCG3PA Datasheet HTML 2Page - Cypress Semiconductor CCG3PA Datasheet HTML 3Page - Cypress Semiconductor CCG3PA Datasheet HTML 4Page - Cypress Semiconductor CCG3PA Datasheet HTML 5Page - Cypress Semiconductor CCG3PA Datasheet HTML 6Page - Cypress Semiconductor CCG3PA Datasheet HTML 7Page - Cypress Semiconductor CCG3PA Datasheet HTML 8Page - Cypress Semiconductor CCG3PA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 2 of 37
EZ-PD™ CCG3PA Datasheet
Logic Block Diagram
Internal Block Diagram
Flash
(64 KB)
SRAM
(8 KB)
CCG3PA: Single- Chip Type- C Controller
CORTEX-M0
Integrated Digital Blocks
I/O Subsystem
MCU Subsystem
CC
GPIOs
Baseband PHY
OCP and OVP
Protection
High Voltage
Regulator
2x SCB
(I2 C, SPI, UART)
4x TCPWM
RP, RD
2x 8- bit SAR ADCs
Voltage (VBUS)
Regulation
2x VBUS Discharge
USB PD Subsystem
Low- side Current
Sense Amplifier
2x PFET Gate
Drivers
2x Charger Detect
System
Resources
ARM
HV
Reg
VDDD
VBUS_C_CTRL
VBUS_IN_DISCHARGE
Charger
Detect0
VBUS_C_MON_DISCHARGE
2x ADCs
CC1
CC2
DP0 / GPIO
DM0 / GPIO
CATH/
COMP
FB
OV/UV,
R-Div
R-Div
LSCSA
Rs
GND
CSP
LDO
VCCD
POR
GPIO
AXRES / GPIO
GPIO
Type-C
Connector
Ground
Charger
Detect1
DP1 / GPIO
DM1 / GPIO
BMC
PHY
VBUS_P_CTRL
MCU Subsystem
Cortex-M0
Flash
(64KB)
SRAM
(8KB)
4x TCPWM
2x SCB
(I2C, SPI, UART)
Advanced High- Performance Bus
(AHB)
Prog
DISCH
DISCH
1.8 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com