Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 18Page - Cypress Semiconductor CCG3PA Datasheet HTML 19Page - Cypress Semiconductor CCG3PA Datasheet HTML 20Page - Cypress Semiconductor CCG3PA Datasheet HTML 21Page - Cypress Semiconductor CCG3PA Datasheet HTML 22Page - Cypress Semiconductor CCG3PA Datasheet HTML 23Page - Cypress Semiconductor CCG3PA Datasheet HTML 24Page - Cypress Semiconductor CCG3PA Datasheet HTML 25Page - Cypress Semiconductor CCG3PA Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 22 of 37
EZ-PD™ CCG3PA Datasheet
Table 16. Fixed SPI DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID163
ISPI1
Block current consumption at 1 Mb/s
–
–
360
µA
–
SID164
ISPI2
Block current consumption at 4 Mb/s
–
–
560
µA
–
SID165
ISPI3
Block current consumption at 8 Mb/s
–
–
600
µA
–
Table 17. Fixed SPI AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID166
FSPI
SPI Operating frequency (Master; 6X
oversampling)
––
8
MHz
–
Table 18. Fixed SPI Master Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID167
TDMO
MOSI Valid after SClock driving edge
–
–
15
ns
–
SID168
TDSI
MISO Valid before SClock capturing
edge
20
–
–
ns
Full clock, late MISO
sampling
SID169
THMO
Previous MOSI data hold time
0
–
–
ns
Referred to slave capturing
edge
Table 19. Fixed SPI Slave Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID170
TDMI
MOSI Valid before Sclock capturing
edge
40
–
–
ns
–
SID171
TDSO
MISO Valid after Sclock driving edge
–
–
42 + 3 × TCPU
ns
TCPU = 1/FCPU
SID171A
TDSO_EXT
MISO Valid after Sclock driving edge
in Ext Clk mode
––
48
ns
–
SID172
THSO
Previous MISO data hold time
0
–
–
ns
–
SID172A
TSSELSCK
SSEL Valid to first SCK Valid edge
100
–
–
ns
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com