Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 19Page - Cypress Semiconductor CCG3PA Datasheet HTML 20Page - Cypress Semiconductor CCG3PA Datasheet HTML 21Page - Cypress Semiconductor CCG3PA Datasheet HTML 22Page - Cypress Semiconductor CCG3PA Datasheet HTML 23Page - Cypress Semiconductor CCG3PA Datasheet HTML 24Page - Cypress Semiconductor CCG3PA Datasheet HTML 25Page - Cypress Semiconductor CCG3PA Datasheet HTML 26Page - Cypress Semiconductor CCG3PA Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 23 of 37
EZ-PD™ CCG3PA Datasheet
System Resources
Power-on-Reset (POR) with Brown Out SWD Interface
Internal Main Oscillator
Table 20. Imprecise Power On Reset (PRES) (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID185
VRISEIPOR
Power-on Reset (POR) rising trip
voltage
0.80
–
1.50
V
–
SID186
VFALLIPOR
POR falling trip voltage
0.70
–
1.4
V
–
Table 21. Precise Power On Reset (POR)
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID190
VFALLPPOR
Brown-out Detect (BOD) trip voltage
in active/sleep modes
1.48
–
1.62
V
–
SID192
VFALLDPSLP BOD trip voltage in Deep Sleep mode 1.1
–
1.5
V
–
Table 22. SWD Interface Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.SWD#1
F_SWDCLK1
3.3V
 VDDD  5.5V
–
–
14
MHz
SWDCLK
1/3 CPU clock
frequency
SID.SWD#2
F_SWDCLK2
2.7V
 VDDD  3.3V
–
–
7
MHz SWDCLK 1/3 CPU clock
frequency
SID.SWD#3
T_SWDI_SETUP T = 1/f SWDCLK
0.25 × T
–
–
ns
SID.SWD#4
T_SWDI_HOLD
T = 1/f SWDCLK
0.25 × T
–
–
ns
SID.SWD#5
T_SWDO_VALID T = 1/f SWDCLK
–
–
0.50 × T
ns
SID.SWD#6
T_SWDO_HOLD T = 1/f SWDCLK
1
–
–
ns
Table 23. IMO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID218
IIMO1
IMO operating current at 48 MHz
–
–
1000
µA–
Table 24. IMO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.CLK#13
FIMOTOL
Frequency variation at 24, 36, and
48 MHz (trimmed)
––
±2
%
–
SID226
TSTARTIMO
IMO start-up time
–
–
7
µs
Guaranteed by characteri-
zation.
SID228
TJITRMSIMO2 RMS jitter at 24 MHz
–
145
–
ps
Guaranteed by characteri-
zation.
SID.CLK#1
FIMO
IMO frequency
24
36
48
MHz
Only 3 frequencies
supported: 24 MHz,
36 MHz, and 48 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com