Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 6Page - Cypress Semiconductor CCG3PA Datasheet HTML 7Page - Cypress Semiconductor CCG3PA Datasheet HTML 8Page - Cypress Semiconductor CCG3PA Datasheet HTML 9Page - Cypress Semiconductor CCG3PA Datasheet HTML 10Page - Cypress Semiconductor CCG3PA Datasheet HTML 11Page - Cypress Semiconductor CCG3PA Datasheet HTML 12Page - Cypress Semiconductor CCG3PA Datasheet HTML 13Page - Cypress Semiconductor CCG3PA Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 10 of 37
EZ-PD™ CCG3PA Datasheet
CCG3PA Programming and Bootloading
There are two ways to program application firmware into a
CCG3PA device:
1. Programming the device flash over SWD Interface
2. Application firmware update over CC interface
Generally, the CCG3PA devices are programmed over SWD
interface only during development or during the manufacturing
process of the end product. Once the end product is
manufactured, the CCG3PA device’s application firmware can
be updated via the CC bootloader interface.
Programming the Device Flash over SWD Interface
CCG3PA family of devices can be programmed using the SWD
interface. Cypress provides a programming kit (CY8CKIT-002
MiniProg3 Kit) called MiniProg3 and PSoC Programmer
Software which can be used to program the flash as well as
debug firmware. The flash is programmed by downloading the
information from a hex file. This hex file is a binary file generated
as an output of building the firmware project in PSoC Creator
Software. Click here for more information on how to use the
MiniProg3
programmer.
There
are
many
third
party
programmers that support mass programming in a manufac-
turing environment.
As shown in the block diagram in Figure 4, the SWD_0_DAT and
SWD_0_CLK pins are connected to the host programmer’s
SWDIO (data) and SWDCLK (clock) pins respectively. During
SWD programming, the CCG3PA device has to be powered by
the host programmer by connecting its VTARG (power supply to
the target device) to VDDD pin of CCG3PA device. While
programming over SWD interface, the CCG3PA device cannot
receive power through VBUS_IN_DISCHARGE.
The CCG3PA device family does not have the XRES pin. Due to
that, the XRES line from the host programmer remains uncon-
nected, and hence programming using Reset Mode is not
supported. In other words, CCG3PA devices are supported by
Power Cycle programming mode only since XRES line is not
used. Contact Cypress for further details on CYPD3XXX
Programming Specifications.
Figure 4. Connecting the Programmer to CYPD317x Device
Programming
Hardware
Target Device from CCG3PA Family
(Only Power Cycle Programming Mode Supported)
VTARG
SWDCLK
XRES
SWDIO
GND
SWD_0_CLK
AXRES
SWD_0_DAT
GND
VSS
VCCD
VDDD
1
F
10V
X7R
X
1
F
10V
X7R
100nF
10V
X7R
While programming over
SWD interface, device cannot
receive power through
VBUS_IN_DISHCARGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com