Electronic Components Datasheet Search
  English  ▼

X  

CCG3PA Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 13Page - Cypress Semiconductor CCG3PA Datasheet HTML 14Page - Cypress Semiconductor CCG3PA Datasheet HTML 15Page - Cypress Semiconductor CCG3PA Datasheet HTML 16Page - Cypress Semiconductor CCG3PA Datasheet HTML 17Page - Cypress Semiconductor CCG3PA Datasheet HTML 18Page - Cypress Semiconductor CCG3PA Datasheet HTML 19Page - Cypress Semiconductor CCG3PA Datasheet HTML 20Page - Cypress Semiconductor CCG3PA Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 17 of 37
EZ-PD™ CCG3PA Datasheet
Electrical Specifications
Absolute Maximum Ratings
Device-Level Specifications
All specifications are valid for –40 °C
 TA  105 °C and TJ  120 °C, except where noted.
Note
6. As per USB PD specification, maximum allowed VBUS = 21.5V.
Table 4. Absolute Maximum Ratings
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
VBUS_MAX
Max supply voltage relative to VSS on
VBUS_IN_DISCHARGE and
VBUS_C_MON_DISCHARGE pins
––
30
V
Absolute max
VDDD_MAX
Max supply voltage relative to VSS
––
6
V
VCC_PIN_ABS
Max voltage on CC1, CC2 pins and port
pins P2.2 and P2.3 for applicable
devices
––
22[6]
V
VGPIO_ABS
GPIO voltage
–0.5
–
VDDD +0.5
V
IGPIO_ABS
Maximum current per GPIO
–25
–
25
mA
IGPIO_injection
GPIO injection current, Max for VIH >
VDDD, and Min for VIL < VSS
–0.5
–
0.5
mA
Absolute max, current
injected per pin
VGPIO_OVT_ABS OVT GPIO voltage
–0.5
–
6
V
Applicable to port pins P0.0
and P0.1
ESD_HBM
Electrostatic discharge human body
model
2200
–
–
V
–
ESD_CDM
Electrostatic discharge charged device
model
500
–
–
V
–
LU
Pin current for latch-up
–100
–
100
mA
–
ESD_IEC_CON Electrostatic discharge IEC61000-4-2
8000
–
–
V
Contact discharge on CC1,
CC2, VBUS, P2.2 and P2.3
pins
ESD_IEC_AIR
Electrostatic discharge IEC61000-4-2
15000
–
–
V
Air discharge for DPLUS,
DMINUS, CC1, CC2, VBUS,
P2.2 and P2.3 pins
Table 5. DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/Conditions
SID.PWR#2
VDDD
Power Supply Input Voltage
2.7
–
5.5
V
Sink mode, –40 °C
 TA  105 °C.
SID.PWR#2_A
VDDD
Power Supply Input Voltage
3.0
–
5.5
V
Source mode, –40 °C
 TA  105 °C.
SID.PWR#3
VBUS_IN
Power Supply Input Voltage
3.0
–
24.5
V
–40 °C
 TA  105 °C.
SID.PWR#5
VCCD
Output Voltage for core Logic
–
1.8
–
V
–
SID.PWR#13
Cexc
Power supply decoupling
capacitor for VDDD
0.8
1
–
µF X5R ceramic or better
SID.PWR#14
Cexv
Power supply decoupling
capacitor for VBUS_IN_DISH-
CARGE
–0.1
–
µF X5R ceramic or better



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com