Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP404C Datasheet HTML 1Page - National Semiconductor (TI) COP404C Datasheet HTML 2Page - National Semiconductor (TI) COP404C Datasheet HTML 3Page - National Semiconductor (TI) COP404C Datasheet HTML 4Page - National Semiconductor (TI) COP404C Datasheet HTML 5Page - National Semiconductor (TI) COP404C Datasheet HTML 6Page - National Semiconductor (TI) COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Connection Diagram
Dual-In-Line Package
TLDD5530 – 2
Order Number COP404CN
See NS Package Number N48A
Pin Descriptions
Pin
Description
VCC
Most positive voltage
VSS
Ground
CKI
Clock input
RS
Reset input
CKOI
General purpose input
L
L
TRISTATE IO
G
G
general purpose IO
D
D
general purpose outputs
D
Either general purpose output
or DualClock RC input
IN
IN
general purpose inputs
SO
Serial data output
SI
Serial data input
SK
Serial data clock output
IP
IP
IO for ROM address and data
A
A
A
address outputs
SKIP
Skip status output
ADDATA
Clock output
MB
MICROBUS select input
CKOH
Halt IO pin
DUAL
DualClock select input
TIN
Timer input select pin should be
connected to GND
SEL
COPC emulation select input
SEL
COPC emulation select input
UNUSED
Ground
FIGURE 2
The internal architecture is shown in
Figure 1 Data paths
are illustrated in simplified form to depict how the various
logic elements communicate with each other in implement-
ing the instruction set of the device Positive logic is used
When a bit is set it is a logic ‘‘1’’ when a bit is reset it is a
logic ‘‘0’’
PROGRAM MEMORY
Program Memory consists of a 2048-byte external memory
(typically PROM) Words of this memory may be program
instructions constants or ROM addressing data
ROM addressing is accomplished by a 11-bit PC register
which selects one of the 8-bit words contained in ROM A
new address is loaded into the PC register during each in-
struction cycle Unless the instruction is a transfer of control
instruction the PC register is loaded with the next sequen-
tial 11-bit binary count value
Three levels of subroutine nesting are implemented by a
three level deep stack Each subroutine call or interrupt
pushes the next PC address into the stack Each return
pops the stack back into the PC register
DATA MEMORY
Data memory consists of a 512-bit RAM organized as 8
data registers of 16 c 4-bit digits RAM addressing is imple-
mented by a 7-bit B register whose upper 3 bits (Br) select 1
of 8 data registers and lower 4 bits (Bd) select 1 of 16 4-bit
digits in the selected data register While the 4-bit contents
of the selected RAM digit (M) are usually loaded into or
from or exchanged with the A register (accumulator) it
may also be loaded into or from the Q latches or T counter
or loaded from the L ports RAM addressing may also be
performed directly by the LDD and XAD instructions based
upon the immediate operand field of these instructions The
Bd register also serves as a source register for 4-bit data
sent directly to the D outputs
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com