Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 3Page - National Semiconductor (TI) COP404C Datasheet HTML 4Page - National Semiconductor (TI) COP404C Datasheet HTML 5Page - National Semiconductor (TI) COP404C Datasheet HTML 6Page - National Semiconductor (TI) COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) COP404C Datasheet HTML 10Page - National Semiconductor (TI) COP404C Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Functional Description (Continued)
4 All successive transfer of control instructions and suc-
cessive LBIs have been completed (eg if the main
program is executing a JP instruction which transfers
program control to another JP instruction the interrupt
will not be acknowledged until the second JP instruc-
tion has been executed)
c Upon acknowledgement of an interrupt the skip logic
status is saved and later restored upon popping of the
stack For example if an interrupt occurs during the exe-
cution of an ASC (Add with Carry Skip on Carry) instruc-
tion which results in carry the skip logic status is saved
and program control is transferred to the interrupt servic-
ing routine at hex address 0FF At the end of the interrupt
routine a RET instruction is executed to pop the stack
and return program control to the instruction following the
original ASC At this time the skip logic is enabled and
skips this instruction because of the previous ASC carry
Subroutines should not be nested within the interrupt
service routine since their popping of the stack will en-
able any previously saved main program skips interfering
with the orderly execution of the interrupt routine
d The instruction at hex address 0FF must be a NOP
e An LEI instruction may be put immediately before the
RET instruction to re-enable interrupts
MICROBUS INTERFACE
With MB pin tied to Ground the COP404C can be used as a
peripheral microprocessor device inputting and outputting
data from and to a host microprocessor (mP) IN1 IN2 and
IN3 general purpose inputs become MICROBUS compatible
read-strobe chip-select and write-strobe lines respectively
IN1 becomes RD
a logic ‘‘0’’ on this input will cause Q
latch data to be enabled to the L ports for input to the mP
IN2 becomes CS
a logic ‘‘0’’ on this line selects the
COP404C and the mP peripheral device by enabling the op-
eration of the RD and WR lines and allows for the selection
of one of several peripheral components IN3 becomes WR
a logic ‘‘0’’ on this line will write bus data from the L ports
to the Q latches for input to the COP404C G0 becomes
INTR a ‘‘ready’’ output reset by a write pulse from the mP
on the WR line providing the ‘‘handshaking’’ capability nec-
essary for asynchronous data transfer between the host
CPU and the COP404C
This option has been designed for compatibility with Nation-
al’s MICROBUS - a standard interconnect system for 8-bit
parallel data transfer between MOSLSI CPUs and interfac-
ing devices (See MICROBUS National Publication) The
TLDD5530 – 7
FIGURE 6 MICROBUS Option Interconnect
functioning and timing relationships between the signal lines
affected by this option are as specified for the MICROBUS
interface and are given in the AC electrical characteristics
and shown in the timing diagrams (
Figures 4 and 5 ) Con-
nection of the COP404C to the MICROBUS is shown in
Fig-
ure 6
INITIALIZATION
The external RC network shown in
Figure 7 must be con-
nected to the RESET pin for the internal reset logic to initial-
ize the device upon power-up The RESET pin is configured
as a Schmitt trigger input If not used it should be connect-
ed to VCC Initialization will occur whenever a logic ‘‘0’’ is
applied to the RESET input providing it stays low for at
least three instruction cycle times
Upon initialization the PC register is cleared to 0 (ROM ad-
dress 0) and the A B C D EN IL T and G registers are
cleared The SKL latch is set thus enabling SK as a clock
output Data Memory (RAM) is not cleared upon initializa-
tion The first instruction at address 0 must be a CLRA
(clear A register)
TLDD5530 – 8
FIGURE 7 Power-Up Circuit
TIMER
The timer is operated as a time-base counter The instruc-
tion cycle frequency generated from CKI passes through a
2-bit divide-by-4 prescaler The output of this prescaler in-
crements the 8-bit T counter thus providing a 10-bit timer
The prescaler is cleared during execution of a CAMT in-
struction and on reset For example using a 1MHz crystal
the instruction cycle frequency of 250 kHz (divide by 4) in-
crements the 10-bit timer every 4 mS By presetting the
counter and detecting overflow accurate timeouts between
16 mS (4 counts) and 4096 mS (1024 counts) are possible
Longer timeouts can be achieved by accumulating under
software control multiple overflows
HALT MODE
The COP404C is a FULLY STATIC circuit therefore the
user may stop the system oscillator at any time to halt the
chip The chip may also be halted by two other ways (see
Figure 8 )
Software HALT by using the HALT instruction
Hardware HALT by using the HALT IO port CKOH It
is an IO flip-flop which is an indicator of the HALT
status An external signal can over-ride this pin to start
and stop the chip
By forcing CKOH high the
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com