Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) COP404C Datasheet HTML 10Page - National Semiconductor (TI) COP404C Datasheet HTML 11Page - National Semiconductor (TI) COP404C Datasheet HTML 12Page - National Semiconductor (TI) COP404C Datasheet HTML 13Page - National Semiconductor (TI) COP404C Datasheet HTML 14Page - National Semiconductor (TI) COP404C Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Instruction Set (Continued)
TABLE III COP404C Instruction Set
Hex
Machine
Skip
Mnemonic
Operand
Code
Language
Data Flow
Conditions
Description
Code (Binary)
ARITHMETIC INSTRUCTIONS
ASC
30
l0011l0000l
AaCaRAM(B)
x A
Carry
Add with Carry Skip on
Carry
x C
Carry
ADD
31
l0011l0001l
AaRAM(B)
x A
None
Add RAM to A
ADT
4A
l0011l0001l
Aa1010
x A
None
Add Ten to A
AISC
y
5b
l0101l y l
Aay
x A
Carry
Add Immediate Skip on
Carry (y i 0)
CASC
10
l0001l0000l
AaRAM(B)aC
x A
Carry
Compliment and Add with
Carry
x C
Carry Skip on Carry
CLRA
00
l0000l0000l
0
x A
None
Clear A
COMP
40
l0100l0000l
A
x A
None
Ones complement of A to A
NOP
44
l0100l0100l
None
None
No Operation
RC
32
l0011l0010l
‘‘0’’
x C
None
Reset C
SC
22
l0010l0010l
‘‘1’’
x C
None
Set C
XOR
02
l0000l0010l
A Z RAM(B)
x A
None
Exclusive-OR RAM with A
TRANSFER OF CONTROL INSTRUCTIONS
JID
FF
l1111l1111l
ROM (PC108 AM)
x PC70
None
Jump Indirect (note 2)
JMP
a
6b
l0110l0la108l
a
x PC
None
Jump
l a70 l
JP
a
l1l a60 l
a
x PC60
None
Jump within Page (Note 3)
(pages 23 only)
or
l11l a50 l
a
x PC50
(all other pages)
JSRP
a
l10l a50 l
PCa1
x SA x SB x SC None
Jump to Subroutine Page
00010
xPC106
(Note 4)
a
x PC50
JSR
a
6b
l0110l1la108l
PCa1
x SA x SB x SC None
Jump to Subroutine
l a70 l
a
x PC
RET
48
l0100l1000l
SC
x SB x SA x PC
None
Return from Subroutine
RETSK
49
l0100l1001l
SC
x SB x SA x PC
Always Skip
Return from Subroutine
on Return
then Skip
HALT
33
l0011l0011l
None
HALT processor
38
l0011l1000l
IT
33
l0011l0011l
IDLE till timer
39
l0011l1001l
None
overflows then continues
MEMORY REFERENCE INSTRUCTIONS
CAMT
33
l0011l0011l
A
x T74
3F
l0011l1111l
RAM(B)
x T30
None
Copy A RAM to T
CTMA
33
l0011l0011l
T744
x RAM(B)
2F
l0010l1111l
T30
x A
None
Copy T to RAM A
CAMQ
33
l0011l0011l
A
x Q74
None
Copy A RAM to Q
3C
l0011l1100l
RAM(B)
xQ30
CQMA
33
l0011l0011l
Q74
x RAM(B)
None
Copy Q to RAM A
2C
l0010l1100l
Q30
x A
LD
r
b
5
l00l r l0101l
RAM(B)
x A
None
Load RAM into A
(re03)
Br Z r
x Br
Exclusive-OR Br with r
LDD
rd
23
l0010l0011l
RAM(rd)
x A
None
Load A with RAM pointed
l0l r l d l
to direct by rd
LQID
BF
l1011l1111l
ROM(PC108AM) x Q
None
Load Q Indirect (Note 2)
SB
x SC
RMB
0
4C
l0100l1100l
0
x RAM(B)0
None
Reset RAM Bit
145
l0100l0101l
0
x RAM(B)1
242
l0100l0010l
0
x RAM(B)2
343
l0100l0011l
0
x RAM(B)3
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com