Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 2Page - National Semiconductor (TI) COP404C Datasheet HTML 3Page - National Semiconductor (TI) COP404C Datasheet HTML 4Page - National Semiconductor (TI) COP404C Datasheet HTML 5Page - National Semiconductor (TI) COP404C Datasheet HTML 6Page - National Semiconductor (TI) COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) COP404C Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Functional Description
INTERNAL LOGIC
The processor contains its own 4-bit A register (accumula-
tor) which is the source and destination register for most
IO arithmetic logic and data memory access operations
It can also be used to load the Br and Bd portions of the B
register to load and input 4 bits of the 8-bit Q latch or T
counter L IO ports data to input 4-bit G or IN ports and to
perform data exchanges with the SIO register
A 4-bit adder performs the arithmetic and logic functions
storing the results in A It also outputs a carry bit to the 1-bit
C register most often employed to indicate arithmetic over-
flow The C register in conjunction with the XAS instruction
and the EN register also serves to control the SK output
The 8-bit T counter is a binary up counter which can be
loaded to and from M and A using CAMT and CTMA instruc-
tions This counter is operated as a time-base counter
When the T counter overflows an overflow flag will be set
(see SKT and IT instructions below) The T counter is
cleared on reset A functional block diagram of the timer
counter is illustrated in
Figure 10a
Four general-purpose inputs IN3 – IN0 are provided IN1
IN2 and IN3 may be selected (by pulling MB pin low) as
Read Strobe Chip Select and Write Strobe inputs respec-
tively for use in MICROBUS application
The D register provides 4 general-purpose outputs and is
used as the destination register for the 4-bit contents of Bd
In the dual clock mode D0 latch controls the clock selection
(see dual oscillator below)
The G register contents are outputs to a 4-bit general-pur-
pose bidirectional IO port G0 may be selected as an out-
put for MICROBUS applications
The Q register is an internal latched 8-bit register used to
hold data loaded to or from M and A as well as 8-bit data
from ROM Its contents are outputted to the L IO ports
when the L drivers are enabled under program control With
the MICROBUS option selected Q can also be loaded with
the 8-bit contents of the L IO ports upon the occurrence of
a write strobe from the host CPU
The 8 L drivers when enabled output the contents of
latched Q data to the L IO port Also the contents of L may
be read directly into A and M As explained above the MI-
CROBUS option allows L IO port data to be latched into
the Q register
The SIO register functions as a 4-bit serial-inserial-out shift
register for MICROWIRETM IO and COPS peripherals or
as a binary counter (depending on the contents of the EN
register) Its contents can be exchanged with A
The XAS instruction copies C into the SKL latch In the
counter mode SK is the output SKL in the shift register
mode SK outputs SKL ANDed with the clock
EN is an internal 4-bit register loaded by the LEI instruction
The state of each bit of this register selects or deselects the
particular feature associated with each bit of the EN regis-
ter
0 The least significant bit of the enable register EN0 se-
lects the SIO register as either a 4-bit shift register or a 4-
bit binary counter With EN0 set SIO is an asynchronous
binary counter decrementing its value by one upon each
low-going pulse (‘‘1’’ to ‘‘0’’) occurring on the SI input
Each pulse must be at least two instruction cycles wide
SK outputs the value of SKL The SO output equals the
value of EN3 With EN0 reset SIO is a serial shift register
left shifting 1 bit each instruction cycle time The data
present at SI goes into the least significant bit of SIO SO
can be enabled to output the most significant bit of SIO
each cycle time The SK outputs SKL ANDed with the
instruction cycle clock
1 With EN1 set interrupt is enabled Immediately following
an interrupt EN1 is reset to disable further interrupts
2 With EN2 set the L drivers are enabled to output the data
in Q to the L IO port Resetting EN2 disables the L driv-
ers placing the L IO port in a high-impedance input
state
3 EN3 in conjunction with EN0 affects the SO output With
EN0 set (binary counter option selected) SO will output
the value loaded into EN3 With EN0 reset (serial shift
register option selected) setting EN3 enables SO as the
output of the SIO shift register outputting serial shifted
data each instruction time Resetting EN3 with the serial
shift register option selected disables SO as the shift reg-
ister output data continues to be shifted through SIO and
can be exchanged with A via an XAS instruction but SO
remains set to ‘‘0’’
INTERRUPT
The following features are associated with interrupt proce-
dure and protocol and must be considered by the program-
mer when utilizing interrupts
a The interrupt
once recognized as explained below
pushes the next sequential program counter address
(PCa1) onto the stack Any previous contents at the bot-
tom of the stack are lost The program counter is set to
hex address 0FF (the last word of page 3) and EN1 is
reset
b An interrupt will be recognized only on the following con-
ditions
1 EN1 has been set
2 A low-going pulse (‘‘1’’ to ‘‘0’’) at least two instruction
cycles wide has occurred on the IN1 input
3 A currently executing instruction has been completed
TABLE I ENABLE REGISTER MODES
BITS EN0 AND EN3
EN0
EN3
SIO
SI
SO
SK
Shift Register
Input to Shift
If SKLe
SKeclock
Register
If SKLe
SKe
Shift Register
Input to Shift
Serial
If SKLe
SKeclock
Register
out
If SKLe
SKe
Binary Counter
Input to Counter
SK e SKL
Binary Counter
Input to Counter
SK e SKL
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com