Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 6Page - National Semiconductor (TI) COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) COP404C Datasheet HTML 10Page - National Semiconductor (TI) COP404C Datasheet HTML 11Page - National Semiconductor (TI) COP404C Datasheet HTML 12Page - National Semiconductor (TI) COP404C Datasheet HTML 13Page - National Semiconductor (TI) COP404C Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
External Memory Interface
The COP404C is designed for use with an external Program
Memory
This memory may be implemented using any devices having
the following characteristics
1 random addressing
2 LSTTL or CMOS-compatible TRI-STATE outputs
3 LSTTL or CMOS-compatible inputs
4 access timee1 0 ms max
Typically these requirements are met using bipolar PROMs
or MOSCMOS PROMs EPROMs or E2PROMs
During operation the address of the next instruction is sent
out on A10 A9 A8 and IP7 through IP0 during the time that
ADDATA is high (logic ‘‘1’’eaddress mode) Address data
on the IP lines is stored into an external latch on the high-to-
low transition of the ADDATA line A10 A9 and A8 are
dedicated address outputs and do not need to be latched
When ADDATA is low (logic ‘‘0’’edata mode) the output
of the memory is gated onto IP7 through IP0 forming the
input bus Note that ADDATA output has a period of one
instruction time a duty cycle of approximately 50% and
specifies whether the IP lines are used for address output or
data input A simplified block diagram of the external memo-
ry interface is shown in
Figure 11
TLDD5530 – 13
FIGURE 11 External Memory Interface to COP404C
COP404C Instruction Set
Table II is a symbol table providing internal architecture in-
struction operand and operation symbols used in the in-
struction set table
Table III provides the mnemonic operand machine code
data flow skip conditions and description of each instruc-
tion
Table II Instruction Set Table Symbols
Symbol
Definition
Internal Architecture Symbols
A
4-bit Accumulator
B
7-bit RAM address register
Br
Upper 3 bits of B (register address)
Bd
Lower 4 bits of B (digit address)
C
1-bit Carry register
D
4-bit Data output port
EN
4-bit Enable register
G
4-bit General purpose IO port
IL
two 1-bit (IN0 and IN3) latches
IN
4-bit input port
L
8-bit TRI-STATE IO port
M
4-bit contents of RAM addressed by B
PC
11-bit ROM address program counter
Q
8-bit latch for L port
SA
11-bit Subroutine Save Register A
SB
11-bit Subroutine Save Register B
SC
11-bit Subroutine Save Register C
SIO
4-bit Shift register and counter
SK
Logic-controlled clock output
SKL
1-bit latch for SK output
T
8-bit timer
Instruction operand symbols
d
4-bit operand field 0 – 15 binary (RAM digit select)
r
3-bit operand field 0 – 7 binary (RAM register select)
a
11-bit operand field 0 – 2047
y
4-bit operand field 0 – 15 (immediate data)
RAM(x) RAM addressed by variable x
ROM(x) ROM addressed by variable x
Operational Symbols
a
Plus
b
Minus
– l
Replaces
k
– l
is exchanged with
e
Is equal to
b
A
one’s complement of A
Z
exclusive-or
range of values
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com