Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 10Page - National Semiconductor (TI) COP404C Datasheet HTML 11Page - National Semiconductor (TI) COP404C Datasheet HTML 12Page - National Semiconductor (TI) COP404C Datasheet HTML 13Page - National Semiconductor (TI) COP404C Datasheet HTML 14Page - National Semiconductor (TI) COP404C Datasheet HTML 15Page - National Semiconductor (TI) COP404C Datasheet HTML 16Page - National Semiconductor (TI) COP404C Datasheet HTML 17Page - National Semiconductor (TI) COP404C Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Emulation
The COP404C may be used to exactly emulate the
COP444C445C
COP424C425C
and COP410C411C
However the Program Counter always addresses 2k of ex-
ternal ROM whatever chip is being emulated
Figure 14
shows the interconnect to implement a hardware emulation
This connection uses a NMC27C16 EPROM as external
memory Other memory can be used such as bipolar PROM
or RAM
Pins IP7 – IP0 are bidirectional inputs and outputs When the
ADDATA clocking output turns on the EPROM drivers are
disabled and IP7 – IP0 output addresses The 8-bit latch
(MM74C373) latches the addresses to drive the memory
TLDD5530 – 14
FIGURE 14 COP404C Used To Emulate A COP444C
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com