Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP404C Datasheet HTML 1Page - National Semiconductor (TI) COP404C Datasheet HTML 2Page - National Semiconductor (TI) COP404C Datasheet HTML 3Page - National Semiconductor (TI) COP404C Datasheet HTML 4Page - National Semiconductor (TI) COP404C Datasheet HTML 5Page - National Semiconductor (TI) COP404C Datasheet HTML 6Page - National Semiconductor (TI) COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLDD5530
April 1992
COP404C ROMless CMOS Microcontrollers
General Description
The COP404C ROMless Microcontroller is a member of the
COPSTM family fabricated using double-poly silicon gate
CMOS (microCMOS) technology The COP404C contains
CPU RAM IO and is identical to a COP444C device ex-
cept the ROM has been removed and pins have been add-
ed to output the ROM address and to input the ROM data
The COP404C can be configured by means of external
pins
to function as a COP444C
a COP424C
or a
COP410C Pins have been added to allow the user to select
the various functional options that are available on the fami-
ly of mask-programmed CMOS parts The COP404C is pri-
marily intended for use in the development and debug of a
COP program for the COP444C445C COP424C425C
and COP410C411C devices prior to masking the final part
The COP404C is also appropriate in low volume applica-
tions or when the program might be changing
MICROBUSTM and MICROWIRETM are trademarks of National Semiconductor Corporation
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Features
Y
Accurate emulation of the COP444C COP424C and
COP410C
Y
Lowest Power Dissipation (50 mW typical)
Y
Fully static (can turn off the clock)
Y
Power saving IDLE state and HALT mode
Y
4 ms instruction time plus software selectable clocks
Y
128 c 4 RAM addresses 2k c 8 ROM
Y
True vectored interrupt plus restart
Y
Three-level subroutine stack
Y
Single supply operation (24V to 55V)
Y
Programmable readwrite 8-bit timerevent counter
Y
Internal binary counter register with MICROWIRETM
serial IO capability
Y
General purpose and TRI-STATE
outputs
Y
LSTTLCMOS compatible
Y
MICROBUSTM compatible
Y
Softwarehardware compatible with other members of
the COP400 family
Block Diagram
TLDD5530 – 1
FIGURE 1 Block Diagram
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - COP404C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP404LSN-5 NSC-COP404LSN-5 Datasheet
581Kb / 14P
COP404LSN-5 ROMLESS N-CHANNEL MICROCONTROLLERS
More results

Similar Description - COP404C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
8-bit CMOS Microcontroller ROMless
logo
National Semiconductor ...
COP404LSN-5 NSC-COP404LSN-5 Datasheet
581Kb / 14P
COP404LSN-5 ROMLESS N-CHANNEL MICROCONTROLLERS
COP402 NSC-COP402 Datasheet
682Kb / 18P
ROMLESS N-CHANNEL MICROCONTROLLERS
logo
Zilog, Inc.
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
CMOS Z8 ROMLess Microcontrollers
Z88C00 ZILOG-Z88C00 Datasheet
1Mb / 52P
CMOS SUPER8 ROMLESS MCU
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z88C0020PSG ZILOG-Z88C0020PSG Datasheet
1Mb / 61P
Z88C00 CMOS Super8 ROMless MCU
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
COMS Z8 ROMLess Microcontrollers
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
CMOS Z8 ROMLess Microcontrollers
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
ROMLESS CMOS 8-BIT Z8 MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com