Electronic Components Datasheet Search
  English  ▼

X  

COP404C Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 10Page - National Semiconductor (TI) COP404C Datasheet HTML 11Page - National Semiconductor (TI) COP404C Datasheet HTML 12Page - National Semiconductor (TI) COP404C Datasheet HTML 13Page - National Semiconductor (TI) COP404C Datasheet HTML 14Page - National Semiconductor (TI) COP404C Datasheet HTML 15Page - National Semiconductor (TI) COP404C Datasheet HTML 16Page - National Semiconductor (TI) COP404C Datasheet HTML 17Page - National Semiconductor (TI) COP404C Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Description of Selected Instructions (Continued)
SKT INSTRUCTION
The SKT (Skip On Timer) instruction tests the state of the T
counter overflow latch (see internal logic above) executing
the next program instruction if the latch is not set If the
latch has been set since the previous test the next program
instruction is skipped and the latch is reset The features
associated with this instruction allow the processor to gen-
erate its own time-base for real-time processing rather than
relying on an external input signal
Note If the most significant bit of the T counter is a 1 when
a CAMT instruction loads the counter the overflow flag will
be set The following sample of codes should be used when
loading the counter
CAMT
load T counter
SKT
skip if overflow flag is set and reset it
NOP
IT INSTRUCTION
The IT (idle till timer) instruction halts the processor and
puts it in an idle state until the time-base counter overflows
This idle state reduces current drain since all logic (except
the oscillator and time base counter) is stopped
INIL INSTRUCTION
INIL (Input IL Latches to A) inputs 2 latches IL3 and IL0
CKOI and 0 into A The IL3 and IL0 latches are set if a low-
going pulse (‘‘1’’ to ‘‘0’’) has occurred on the IN3 and IN0
inputs since the last INIL instruction provided the input
pulse stays low for at least two instruction cycles Execution
of an INIL inputs IL3 and IL0 into A3 and A0 respectively
and resets these latches to allow them to respond to subse-
quent low-going pulses on the IN3 and IN0 lines The state
of CKOI is input into A2 A0is input into A1 IL latches are
cleared on reset
Instruction Set Notes
a The first word of a program (ROM address 0) must be a
CLRA (Clear A) instruction
b Although skipped instructions are not executed they are
still fetched from the program memory Thus program
paths take the same number of cycles whether instruc-
tions are skipped or executed except for JID and LQID
c The ROM is organized into pages of 64 words each The
Program Counter is a 11-bit binary counter and will count
through page boundaries If a JP JSRP JID or LQID is
the last word of a page it operates as if it were in the next
page For example a JP located in the last word of a
page will jump to a location in the next page Also a JID
or LQID located in the last word of every fourth page (ie
hex address 0FF 1FF 2FF 3FF 4FF etc) will access
data in the next group of four pages
Power Dissipation
The lowest power drain is when the clock is stopped As the
frequency increases so does current Current is also lower
at lower operating voltages Therefore for minimum power
dissipation the user should run at the lowest speed and
voltage that his application will allow The user should take
care that all pins swing to full supply levels to insure that
outputs are not loaded down and that inputs are not at
some intermediate level which may draw current Any input
with a slow rise or fall time will draw additional current For
example an RC oscillator on D0 will draw more current than
a square wave clock input since it is a slow rising signal
If using an external square wave oscillator the following
equation can be used to calculate the COP404C operating
current drain
IcoeIq a V c 40 c Fi a V c 1400 c Fi
4
where
Ico e chip operating current drain in microamps
Iqe quiescent leakage current (from curve)
Fie CKI frequency in MegaHertz
Ve chip VCC in volts
For example at 5 volts VCC and 400 kHz
Icoe20 a 5 c 40 c 4 a 5 c 1400 c 44
Icoe 20 a 80 a 700 e 800 mA
at 24 volts VCC and 30 kHz
Icoe 6 a 24 c 40 c 03 a 24 c 1400 c 0
Icoe 6 a 288 a 252 e 3408 mA
If an IT instruction is executed the chip goes into the IDLE
mode until the timer overflows In IDLE mode the current
drain can be calculated from the following equation
Icie Iq a V c 40 c Fi
For example at 5 volts VCC and 400 kHz
Icie 20 a5 c 40 c 4 e 100 mA
The total average current will then be the weighted average
of the operating current and the idle current
ItaeIcoc
To
ToaTi
a
Ici c
Ti
ToaTi
where
Itae total average current
Icoe operating current
Icie idle current
Toe operating time
Tie idle time
IO OPTIONS
COP404C outputs have the following configurations illus-
trated in
Figure 12
a Standard
A CMOS push-pull buffer with an N-channel
device to ground in conjunction with a P-channel device
to VCC compatible with CMOS and LSTTL (Used on SO
SK ADDATA SKIP A108 and D outputs)
b Low Current
This is the same configuration as a
above except that the sourcing current is much less
(Used on G outputs)
c Standard TRI-STATE L Output
A CMOS output buffer
similar to a which may be disabled by program control
(Used on L outputs)
All inputs have the following configuration
d Input with on chip load device to VCC (Used on CKOI)
e HI-Z input which must be driven by the users logic (Used
on CKI RESET IN SI DUAL MB SEL10 and SEL20
inputs)
All output drivers use one or more of three common devices
numbered 1 to 3 Minimum and maximum current (IOUT and
VOUT) curves are given in Figure 13 for each of these devic-
es to allow the designer to effectively use these IO configu-
rations
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com