Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 4Page - Linear Technology LTC1876 Datasheet HTML 5Page - Linear Technology LTC1876 Datasheet HTML 6Page - Linear Technology LTC1876 Datasheet HTML 7Page - Linear Technology LTC1876 Datasheet HTML 8Page - Linear Technology LTC1876 Datasheet HTML 9Page - Linear Technology LTC1876 Datasheet HTML 10Page - Linear Technology LTC1876 Datasheet HTML 11Page - Linear Technology LTC1876 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC1876
8
1876fa
RUN/SS1, RUN/SS2 (Pins 1, 23): Combination of Soft-Start,
Run Control Inputs and Short-Circuit Detection Timers. A
capacitor to ground at each of these pins sets the ramp time
to full output current. Forcing either of these pins back below
1V causes the IC to shut down the circuitry required for that
particular controller. Latchoff overcurrent protection is also
invoked via this pin as described in the Applications Informa-
tion section.
SENSE1+, SENSE2+ (Pins 2, 14): The (+) Input to each
Differential Current Comparator. The ITH pin voltage and
controlled offsets between the SENSE– and SENSE+ pins in
conjunction with RSENSE set the current trip threshold.
SENSE1–, SENSE2– (Pins 3, 13): The (–) Input to the
Differential Current Comparators.
VOSENSE1, VOSENSE2 (Pins 4, 12): Receives the remotely-
sensed feedback voltage for each controller from an external
resistive divider across the output.
FREQSET (Pin 5): Frequency Control Input to the Oscillator.
This pin can be left open, tied to ground, tied to INTVCC or
drivenbyanexternalvoltagesource.Thispincanalsobeused
with an external phase detector to build a true phase-locked
loop.
STBYMD (Pin 6): Control pin that determines which circuitry
remains active when the controllers are shut down and/or
TYPICAL PERFOR A CE CHARACTERISTICS
PIN FUNCTIONS
VIN = 15V
VOUT = 5V
LOAD STEP = 0A TO 3A
Burst Mode OPERATION
20
µs/DIV
1876 G30
VOUT
200mV/DIV
IOUT
2A/DIV
Load Step (Figure 1)
Constant Frequency (Burst
Inhibit) Operation (Figure 1)
Input Source/Capacitor
Instantaneous Current (Figure 1)
Burst Mode Operation (Figure 1)
IIN
2A/DIV
VIN
200mV/DIV
VSW2
10V/DIV
VIN = 15V
VOUT = 5V
IOUT5 = IOUT3.3 = 2A
1
µs/DIV
1876 G31
VSW1
10V/DIV
VOUT
20mV/DIV
IOUT
0.5A/DIV
VIN = 15V
VOUT = 5V
VFCB = OPEN
IOUT = 20mA
10
µs/DIV
1876 G32
VOUT
20mV/DIV
IOUT
0.5A/DIV
VIN = 15V
VOUT = 5V
VFCB = 5V
IOUT = 20mA
2
µs/DIV
1876 G33
VIN = 15V
VOUT = 5V
LOAD STEP = 0A TO 3A
CONTINUOUS MODE
Load Step (Figure 1)
VOUT
200mV/DIV
IOUT
2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com