Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 22Page - Linear Technology LTC1876 Datasheet HTML 23Page - Linear Technology LTC1876 Datasheet HTML 24Page - Linear Technology LTC1876 Datasheet HTML 25Page - Linear Technology LTC1876 Datasheet HTML 26Page - Linear Technology LTC1876 Datasheet HTML 27Page - Linear Technology LTC1876 Datasheet HTML 28Page - Linear Technology LTC1876 Datasheet HTML 29Page - Linear Technology LTC1876 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC1876
26
1876fa
Low VIN Applications
In applications where the input supply is low (<5V), the
LTC1876 auxiliary regulator can be used to step-up the
input to provide the gate drive to the external MOSFETs as
shown in Figure 9.
Shown in the Typical Application section of the data sheet
is a circuit (3.3VIN Dual-Phase High Efficiency Power
Supply) with input supply of 3.3V. The boost section of the
LTC1876 is set up to generate 5V and is used to provide the
gate drive to the external MOSFETs. The circuit provides
dual outputs, a 2.5V/15A and 1.8V/15A. Both drawing
power directly from VIN.
APPLICATIO S I FOR ATIO
Figure 9. Generating the Gate Drive
for Low Input Supply Applications
Figure 10. Single Output Configuration
Single Output/High Current Applications
In applications that demand current much higher than a
single stage can supply (>20A), the LTC1876 can be
configured as a single output converter. Figure 10 shows
the block diagram of the configuration. Note that the
compensation pins (ITH1 and ITH2) of the two channels are
connected together, saving a set of passive components.
In addition, the output voltage sense pins (VOSENSE1 and
VOSENSE2) are shorted together, using only one resistor
divider to set the output voltage.
Although the output current requirement is high, the input
capacitors ripple current requirement is not much differ-
ent compared to the dual outputs circuit. This is attributed
to the fact that the current is shared between two channels
and an out-of-phase architecture is implemented for the
controllers
(See Theory and Benefits of 2-Phase
Operation).
Auxiliary Regulator’s Inductor Value Calculation
Since the current limit for the auxiliary regulator is inter-
nally set at 1A, it makes the selection of components
easier. For the boost regulator, the duty cycle is given by:
Duty Cycle
V
V
IN
OUT
= 1–
Since energy is only transferred to the output capacitor(s)
during the off-time, the maximum output current that can
be supplied by the regulator without losing regulation is:
IOUT = 0.5(2 • IPK – ∆IL)(1 – Duty Cycle)
where IPK = peak inductor current and is internally set at
1A.
∆IL = inductor’s ripple current
With the required ripple current determined, the value of
the inductor is:
L
V
Duty Cycle
fI
IN
L
=
∆
(•
)
(•
)
where f = operating frequency (1.2MHz)
In most cases, a larger value of inductance is used. This is
done to account for component variation. It also lowers
the inductor ripple current and results in lower core
losses. In addition, lower ripple also translates into lower
ESR losses in the output capacitors and smaller output
voltage ripple.
1876 F09
LTC1876
BOOST
SECTION
LTC1876
STEP-DOWN
SECTION
AUXVIN
AUXSW
AUXVFB
SGND
+
EXTERNAL
MOSFETs
L1
VIN
COUT
R7
R8
D1
INPUT
SUPPLY
1876 F10
LTC1876
SGND
EXTERNAL
MOSFETs
VIN
VOUT
INPUT
SUPPLY
ITH1
ITH2
VOSENSE1
VOSENSE2
TO SENSE1+
AND SENSE1–
TO SENSE2+
AND SENSE2–
L1
L2
R2
R1
RS1
RS2
+
CC
RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com