Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 27Page - Linear Technology LTC1876 Datasheet HTML 28Page - Linear Technology LTC1876 Datasheet HTML 29Page - Linear Technology LTC1876 Datasheet HTML 30Page - Linear Technology LTC1876 Datasheet HTML 31Page - Linear Technology LTC1876 Datasheet HTML 32Page - Linear Technology LTC1876 Datasheet HTML 33Page - Linear Technology LTC1876 Datasheet HTML 34Page - Linear Technology LTC1876 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTC1876
31
1876fa
signal ground pin and the ground return of CINTVCC must
return to the combined COUT (–) plates. Within the regula-
tor circuitry, are the signal and power grounds kept
separate? The regulator signal ground pin must return to
the CAUXIN (–) plates.
3. Does the path formed by the top N-Channel MOSFET
Schottky diode (D1, D2) and the CIN capacitor have short
leads and PC trace lengths? The output capacitor (–)
plates should be connected as close as possible to the
(–) plates of the input capacitor by placing the capacitors
next to each other and away from the Schottky loop
described above. Also, the path formed by the AUXSW
pins, Schottky diode (D3) and the COUT3 capacitor should
have short leads and PC trace lengths. The CAUXIN capaci-
tor (–) plates should be connected as close as possible to
Figure 16. Branch Current Waveforms
the (–) plates of the COUT3 (–) plates by placing the
capacitors next to each other and away from the D3 loop
described above.
4. If the input supply to the boost regulator is obtain from
one of the other outputs, is this connection short (< 1cm)?
5. Do the LTC1876 VOSENSE and AUXVFB pins resistive
dividers connect to the (+) plates of its respective COUT?
The resistive divider must be connected between the (+)
plate of COUT and signal ground and a small VOSENSE
decoupling capacitor should be as close as possible to the
LTC1876 SGND pin. A feedforward capacitor across R8
can be connected to enhance the transient response of the
boost regulator. The R2, R4 and R8 connections should
not be along the high current input feeds from the input
capacitor(s).
APPLICATIO S I FOR ATIO
RL1
D1
L1
SW1
RSENSE1
VOUT1
COUT1
+
VIN
CIN
RIN
+
RL2
D2
BOLD LINES INDICATE
HIGH, SWITCHING
CURRENT LINES.
KEEP LINES TO A
MINIMUM LENGTH.
L2
SW2
1876 F16
RSENSE2
VOUT2
COUT2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com