Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 26Page - Linear Technology LTC1876 Datasheet HTML 27Page - Linear Technology LTC1876 Datasheet HTML 28Page - Linear Technology LTC1876 Datasheet HTML 29Page - Linear Technology LTC1876 Datasheet HTML 30Page - Linear Technology LTC1876 Datasheet HTML 31Page - Linear Technology LTC1876 Datasheet HTML 32Page - Linear Technology LTC1876 Datasheet HTML 33Page - Linear Technology LTC1876 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC1876
30
1876fa
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1876. These items are also illustrated graphically in
the layout diagram of Figure 15. The Figure 16 illustrates
the current waveforms present in the various branches of
the 2-phase synchronous regulators operating in the
continuous mode. Check the following in your layout:
APPLICATIO S I FOR ATIO
1. Are the top N-channel MOSFETs M1 and M3 located
within 1cm of each other with a common drain connection
at CIN? Do not attempt to split the input decoupling for the
two channels as it can cause a large resonant loop.
2. Is the ground of the step-down controller kept separate
from the ground of the step-up regulator? The regulator
ground should join the controller ground at the combined
COUT (–) plates. Within the controller circuitry, are the
signal and power grounds kept separate? The controller
Figure 15. LTC1876 Recommended Printed Circuit Layout Diagram
CB1
CB2
CAUXIN
VPULL-UP
(<7V)
CINTVCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
CIN
D1
M1
M2
M3
M4
D2
CVIN
VIN
RIN
INTVCC
3.3V
R4
R3
R7
R8
R2
R1
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
AUXSGND
AUXVFB
AUXSW
AUXSW
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
AUXSD
AUXVIN
AUXPGND
AUXPGND
LTC1876
L1
L2
COUT1
VOUT1
VOUT2
1876 F15
COUT2
RSENSE
RSENSE
SHUTDOWN
VOUT3
COUT3
D3
L3
4
3
2
1
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com