Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 5Page - Linear Technology LTC1876 Datasheet HTML 6Page - Linear Technology LTC1876 Datasheet HTML 7Page - Linear Technology LTC1876 Datasheet HTML 8Page - Linear Technology LTC1876 Datasheet HTML 9Page - Linear Technology LTC1876 Datasheet HTML 10Page - Linear Technology LTC1876 Datasheet HTML 11Page - Linear Technology LTC1876 Datasheet HTML 12Page - Linear Technology LTC1876 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC1876
9
1876fa
provides a common control point to shut down both control-
lers. See the Operation section for details.
FCB (Pin 7): Forced Continuous Control Input. This input acts
on both controllers and is normally used to regulate a
secondary winding. Pulling this pin below 0.8V will force
continuous synchronous operation on both controllers. Do
not leave this pin floating.
ITH1, ITH2 (Pins 8, 11): Error Amplifier Output and Switching
Regulator Compensation Point. Each associated channel’s
current comparator trip point increases with this control
voltage.
SGND (Pin 9): Small signal ground common to both control-
lers, must be routed separately from high current grounds to
the common (–) terminals of the COUT capacitors.
3.3VOUT (Pin 10): Output of a linear regulator capable of
supplying up to 10mA DC with peak currents as high as
50mA.
AUXSGND (Pin 15): Small Signal Ground of the Auxiliary
Boost Regulator.
AUXVFB (Pin 16): Auxiliary Boost Regulator Feedback Volt-
age. This pin receives the feedback voltage from an external
resistive divider across the auxiliary output.
AUXSW (Pins 17, 18): Switch Node Connections to Inductor
for the Auxiliary Regulator. Voltage swing at these pins are
from ground to (VOUT + voltage across Shottky diode).
Minimize trace area at these pins to keep EMI down.
AUXPGND (Pins 19, 20): The Auxiliary Power Ground Pins.
Its gate drive currents are returned to these pin.
AUXVIN (Pin 21): Auxiliary Boost Regulator Controller Sup-
ply Pin. Must be closely decoupled to AUXPGND.
AUXSD (Pin 22): Shutdown Pin for the Auxiliary Regulator.
Connect to 2.4V or more to enable the auxiliary regulator or
ground to shut the auxiliary regulator off.
TG1, TG2 (Pins 35, 24): High Current Gate Drives for Top
N-Channel MOSFETs. These are the outputs of floating
drivers with a voltage swing equal to INTVCC– 0.5V superim-
posed on the switch node voltage SW.
SW1, SW2 (Pins 34, 25): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
BOOST1, BOOST2 (Pins 33, 26): Bootstrapped Supplies to
the Top Side Floating Drivers. Capacitors are connected
between the boost and switch pins and Schottky diodes are
tied between the boost and INTVCCpins. Voltage swing at the
boost pins is from INTVCC to (VIN + INTVCC).
BG1, BG2 (Pins 31, 27): High Current Gate Drives for Bottom
(synchronous) N-Channel MOSFETs. Voltage swing at these
pins is from ground to INTVCC.
PGND (Pin 28): Driver Power Ground. Connects to sources
of bottom (synchronous) N-channel MOSFETs, anode of the
Schottky rectifier and the (–) terminal(s) of CIN.
INTVCC (Pin 29): Output of the Internal 5V Linear Low
Dropout Regulator and the EXTVCC Switch. The driver and
control circuits are powered from this voltage source. Must
be decoupled to power ground with a minimum of 4.7
µF
tantalum or other, low ESR capacitor. The INTVCC regulator
standby operation is determined by the STBYMD pin.
EXTVCC (Pin 30): External Power Input to an Internal Switch
Connected to INTVCC. This switch closes and supplies VCC
power, bypassing the internal low dropout regulator, when-
ever EXTVCC is higher than 4.7V. See EXTVCC connection in
Applications section. Do not exceed 7V on this pin.
VIN (Pin 32): Main Supply Pin. A bypass capacitor should be
tied between this pin and the signal ground pin.
PGOOD (Pin 36): Open-Drain Logic Output. PGOOD is pulled
to ground when the voltage on either VOSENSE pinisnotwithin
7.5% of its setpoint.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com