Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 28Page - Linear Technology LTC1876 Datasheet HTML 29Page - Linear Technology LTC1876 Datasheet HTML 30Page - Linear Technology LTC1876 Datasheet HTML 31Page - Linear Technology LTC1876 Datasheet HTML 32Page - Linear Technology LTC1876 Datasheet HTML 33Page - Linear Technology LTC1876 Datasheet HTML 34Page - Linear Technology LTC1876 Datasheet HTML 35Page - Linear Technology LTC1876 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
LTC1876
34
1876fa
3.3VIN Dual-Phase High Efficiency Power Supply
10
µF
6.3V
1
µF
6.3V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
+
D1
M1
×2
M2
×2
M3
×2
M4
×2
D2
+
3.3V
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
AUXSGND
AUXVFB
AUXSW
AUXSW
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
AUXSD
AUXVIN
AUXPGND
AUXPGND
LTC1876
L1
0.9
µH
L2
0.9
µH
C4
1
µF
6.3V
C26
1
µF
6.3V
VOUT1
2.5V
15A
VOUT2
1.8V
15A
1876 TA04
+
RSENSE
0.003
Ω
RSENSE
0.003
Ω
SHUTDOWN
10
µF
10V
D3
L3, 47
µH
0.1
µF
0.47
µF
2.2
µF
6.3V
0.47
µF
0.01
µF
0.01
µF
100pF
VPULL-UP
(<7V)
100k
D4
10
Ω
+
30.9k
1%
10.2k
1%
8.06k
1%
8.25k
1%
17.4k
1%
10k
1%
47k
47k
1000pF
1
µF
6.3V
1000pF
6800pF
100pF
100pF
6800pF
D1, D2: MBRS340T3
D3: CMDSH-3
D4: BAT54A
VIN
3.3V
4
3
2
1
4
3
2
1
1
µF
6.3V
1
µF
6.3V
+
COUT1
220
µF, 4V, ×3
COUT2
330
µF, 2.5V, ×3
CIN
330
µF
6V,
×3
L1, L2: SUMIDA CEP134-OR9
L3: TOKO FSLB2520-470K
M1, M2, M3, M4: FDS7764A
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com