Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 19Page - Linear Technology LTC1876 Datasheet HTML 20Page - Linear Technology LTC1876 Datasheet HTML 21Page - Linear Technology LTC1876 Datasheet HTML 22Page - Linear Technology LTC1876 Datasheet HTML 23Page - Linear Technology LTC1876 Datasheet HTML 24Page - Linear Technology LTC1876 Datasheet HTML 25Page - Linear Technology LTC1876 Datasheet HTML 26Page - Linear Technology LTC1876 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTC1876
23
1876fa
approximately 220kHz. The FREQSET pin can be grounded
to lower this frequency to approximately 140kHz or tied to
the INTVCCpintoyieldapproximately310kHz.TheFREQSET
pin may be driven with a voltage from 0 to INTVCC to fix or
modulate the oscillator frequency as shown in Figure 5.
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that the step down controller is capable of turning on the
top MOSFET. It is determined by internal timing delays and
the gate charge required to turn on the top MOSFET. Low
duty cycle applications may approach this minimum on-
time limit and care should be taken to ensure that.
t
V
Vf
ON MIN
OUT
IN
()
()
<
If the duty cycle falls below what can be accommodated by
the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for each controller is generally less
than 200ns. However, as the peak sense voltage decreases
the minimum on-time gradually increases up to about
300ns. This is of particular concern in forced continuous
applications with low ripple current at light loads. If the
duty cycle drops below the minimum on-time limit in this
situation, a significant amount of cycle skipping can occur
with correspondingly larger current and voltage ripple.
FCB Pin Operation
The FCB pin can be used to regulate a secondary winding
or as a logic level input. Continuous operation is forced
when the FCB pin drops below 0.8V. During continuous
mode, current flows continuously in the transformer pri-
mary. The secondary winding(s) draw current only when
the bottom, synchronous switch is on. When primary load
currents are low and/or the VIN/VOUT ratio is low, the
synchronous switch may not be on for a sufficient amount
of time to transfer power from the output capacitor to the
secondary load. Forced continuous operation will support
secondary windings providing there is sufficient
synchronous switch duty factor. Thus, the FCB input pin
removes the requirement that power must be drawn from
the inductor primary in order to extract power from the
auxiliary windings. With the loop in continuous mode, the
auxiliary outputs may nominally be loaded without regard
to the primary output load.
The secondary output voltage VSEC is normally set as
shown in Figure 6a by the turns ratio N of the transformer:
VSEC ≅ (N + 1) VOUT
However, if the controller goes into Burst Mode operation
and halts switching due to a light primary load current,
then VSEC will droop. An external resistive divider from
VSEC to the FCB pin sets a minimum voltage VSEC(MIN):
VV
R
R
SEC MIN
()
.
≈+


08
1
6
5
If VSEC drops below this level, the FCB voltage forces
temporary continuous switching operation until VSEC is
again above its minimum.
In order to prevent erratic operation if no external connec-
tions are made to the FCB pin, the FCB pin has a 0.18
µA
internal current source pulling the pin high. Include this
current when choosing resistor values R5 and R6.
The following table summarizes the possible states avail-
able on the FCB pin:
Table 1
FCB Pin
Condition
0V to 0.75V
Forced Continuous (Current Reversal
Allowed—Burst Inhibited)
0.85V < VFB < 4.3V
Minimum Peak Current Induces
Burst Mode Operation
No Current Reversal Allowed
Feedback Resistors
Regulating a Secondary Winding
>4.8V
Burst Mode Operation Disabled
Constant Frequency Mode Enabled
No Current Reversal Allowed
No Minimum Peak Current
Remember that both controllers are temporarily forced
into continuous mode when the FCB pin falls below 0.8V.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com