Electronic Components Datasheet Search
  English  ▼

X  

LTC1876 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 28Page - Linear Technology LTC1876 Datasheet HTML 29Page - Linear Technology LTC1876 Datasheet HTML 30Page - Linear Technology LTC1876 Datasheet HTML 31Page - Linear Technology LTC1876 Datasheet HTML 32Page - Linear Technology LTC1876 Datasheet HTML 33Page - Linear Technology LTC1876 Datasheet HTML 34Page - Linear Technology LTC1876 Datasheet HTML 35Page - Linear Technology LTC1876 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC1876
36
1876fa
PART NUMBER
DESCRIPTION
COMMENTS
LTC1625/LTC1775
No RSENSE
TM Current Mode Synchronous Step-Down Controllers
Burst Mode Operation, GN-16
LTC1628/LTC1628-PG High Efficiency, Dual, 2 Phase Synchronous Step-Down Controllers
Constant Frequency, Standby, 5V and 3.3V LDO
LTC1708-PG
Dual, 2 Phase Synchronous Controller with Mobile VID Control
36V Input; VOUT1 for CPU Core Voltage;
VOUT2 for Memory, Chipset I/O
LTC1709
2 Phase, 5-Bit Adustable, High Efficiency, Synchronous Step-Down Controller
Constant Frequency, VID, up to 42A
LTC1735
High Efficiency Synchronous Step-Down Switching Regulator
Output Fault Protection, GN-16
LTC1736
High Efficiency Synchronous Controller with Mobile VID Control
Output Fault Protection, G-24
LTC1772
SOT-23 Step-Down Controller
2.5V
≤ VIN ≤ 9.8V; IOUT Up to 4.5A; 550kHz
Operation for Smallest PCB Area
LTC1778
No RSENSE Wide Input Range Synchronous Step-Down Controller
Up to 97% Efficiency; 4V
≤ VIN ≤ 36V
0.8V
≤ VOUT ≤ (0.9)(VIN); Input up to 20A
LTC3713
Low Input Voltage Synchronous Step-Down Controller
1.5V
≤ VIN, No RSENSE, Standard 5V-Logic Level
MOSFETs
LTC3714
No RSENSE DC/DC Controller for Mobile Pentium Processors
Supports up to 25A; Sense Resistor Optional
LTC3716
2-Phase DC/DC Controller for Mobile Pentium Processors
Small, Low Profile Design; Supports up to 30A
LTC3728
Dual, 2-Phase 550kHz Synchronous Step-Down Controller
Phase-Lockable from 250kHz to 550kHz,
5mm
× 5mm QFN and SSOP-28, 3.5V ≤ VIN ≤ 36V
Adaptive Power and No RSENSE are trademarks of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2000
LT/TP 1002 1K REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
High Efficiency Triple 5V/ 3.3V/12V Power Supply
4.7
µF
10V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
+
33
µF
35V
10
µF
35V
D1
M1
M2
M3
M4
D2
3.3V
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
AUXSGND
AUXVFB
AUXSW
AUXSW
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
AUXSD
AUXVIN
AUXPGND
AUXPGND
LTC1876
L1
4.6
µH
L2
4.6
µH
47
µF
6.3V
SP
56
µF
4V
SP
VOUT1
3.3V
5A
VOUT2
5V
5A
1876 TA03
RSENSE
0.008
Ω
RSENSE
0.008
Ω
SHUTDOWN
VOUT3
12V
200mA
10
µF
20V
D5
L3, 10
µH
0.1
µF
0.1
µF
1
µF
0.1
µF
0.01
µF
0.01
µF
0.1
µF
0.1
µF
VPULL-UP
(<7V)
100k
D3
D4
10
Ω
+
86.6k
10.2k
20k
1%
20k
1%
63.4k
1%
105k
1%
6.8k
6.8k
1000pF
1000pF
470pF
220pF
220pF
470pF
M1, M2, M3, M4: FDS6912A
L1, L2: SUMIDA CEP123-4R6
L3: TOKO A920CY-100M
D1, D2: MBRM140T3
D3, D4: BAT54A
D5: CMDSH-3
INTVCC
VIN
5.2V TO 28V
4
3
2
1
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com