Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 36 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 32Page - SMSC Corporation EMC6D103 Datasheet HTML 33Page - SMSC Corporation EMC6D103 Datasheet HTML 34Page - SMSC Corporation EMC6D103 Datasheet HTML 35Page - SMSC Corporation EMC6D103 Datasheet HTML 36Page - SMSC Corporation EMC6D103 Datasheet HTML 37Page - SMSC Corporation EMC6D103 Datasheet HTML 38Page - SMSC Corporation EMC6D103 Datasheet HTML 39Page - SMSC Corporation EMC6D103 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.4 (04-04-05)
36
SMSC EMC6D103
DATASHEET
Figure 7.1 Automatic Fan Control Flow Diagram
*See Registers 5C-5Eh: PWM Configuration on page 65 for details.
When in Auto Fan Control Operating Mode the hardware controls the fans directly based on monitoring
of temperature and speed.
To control the fans:
Set the minimum temperature that will turn the fans on. This value is programmed in Registers 67h-
69h: Zone x Low Temp Limit (Auto Fan Mode Only).
The speed of the fan is controlled by the duty cycle set for that device. The duty cycle for the minimum
fan speed must be programmed in Registers 64h-66h: PWMx Minimum Duty Cycle. This value
corresponds to the speed of the fan when the temperature reading is equal to the minimum
temperature LIMIT setting. As the actual temperature increases and is above the Zone LIMIT
temperature and below the Absolute Temperature Limit, the PWM will be determined by a linear
function based on the Auto Fan Speed Range bits in Registers 5Fh-61h.
Auto Fan Mode
Initiated
Temp >=
AbsLimit
(69~6B)
Override all PWM
outputs to 100%
duty cycle except if
disabled or in
manual mode
Temp >= Limit
(66~68)
No
Temp >=
Hyst Temp
(6C~6D)
No
Set Fan Output to
0%
No
Set fan output to
auto fan mode
minimum speed.
(63~65)
Yes
Fan Output
At 0%?
No
Yes
Fan Output
At 0%?
Yes
Set fan speed based on
Auto Fan Range
Algorithm*
No
Begin Fan Spin-Up
Yes
Set Fan Output to
100%
Fan Spinning Up?
Spin Up
Time Elapsed?
(5C-5E)
Yes
Begin Polling
Cycle
End Polling Cycle
No
No
End Fan Spin Up
Yes
Off/Min set to 1?
(62)
No
Yes
Set fan to min
PWM
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com