Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 87 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 87 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 81Page - SMSC Corporation EMC6D103 Datasheet HTML 82Page - SMSC Corporation EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation EMC6D103 Datasheet HTML 87Page - SMSC Corporation EMC6D103 Datasheet HTML 88Page - SMSC Corporation EMC6D103 Datasheet HTML 89Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
87
Revision 0.4 (04-04-05)
DATASHEET
Appendix B Example Fan Circuits
The following figures show examples of circuitry on the board for the PWM outputs, tachometer inputs,
and remote diodes. Figure B.1, "Fan Drive Circuitry (Apply to PWM Driving Two Fans)" shows how the
part can be used to control four fans by connecting two fans to one PWM output.
Note: These examples represent the minimum required components. Some designs may require
additional components.
Figure B.1 Fan Drive Circuitry (Apply to PWM Driving Two Fans)
MMBT3904
MMBT2222
MMBT2222
2.2k
1k
3.3V
3.3V
Fan1
Fan2
M
M
12V
PWMx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com