Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 64 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 60Page - SMSC Corporation EMC6D103 Datasheet HTML 61Page - SMSC Corporation EMC6D103 Datasheet HTML 62Page - SMSC Corporation EMC6D103 Datasheet HTML 63Page - SMSC Corporation EMC6D103 Datasheet HTML 64Page - SMSC Corporation EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.4 (04-04-05)
64
SMSC EMC6D103
DATASHEET
8.2.13
Registers 4E-53h: Temperature Limit Registers
Setting the Lock bit has no effect on these registers.
If an external temperature input or the internal temperature sensor either exceeds the value set in the
high limit register or is less than or equal to the value set in the low limit register, the corresponding
bit will be set automatically by the EMC6D103 in the Interrupt Status Register 1 (41h). For example,
if the temperature reading from the Remote1- and Remote1+ inputs exceeds the Remote Diode 1 High
Temp register limit setting, Bit[4] D1 of the Interrupt Status Register 1 will be set. The temperature limits
in these registers are represented as 8 bit, 2’s complement, signed numbers in Celsius, as shown
below in Table 8.22.
Table 8.21 Registers 4E-53h: Temperature Limit Registers
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
4Eh
R/W
Remote Diode 1 Low Temp
7
6
5
4
3
2
1
0
81h
4Fh
R/W
Remote Diode 1 High Temp
7
6
5
4
3
2
1
0
7Fh
50h
R/W
Internal Low Temp
7
6
5
4
3
2
1
0
81h
51h
R/W
Internal High Temp
7
6
5
4
3
2
1
0
7Fh
52h
R/W
Remote Diode 2 Low Temp
7
6
5
4
3
2
1
0
81h
53h
R/W
Remote Diode 2 High Temp
7
6
5
4
3
2
1
0
7Fh
Table 8.22 Temperature Limits vs. Register Settings
TEMPERATURE
LIMIT (DEC)
LIMIT (HEX)
-127
°c
-127
81h
.
.
.
.
.
.
.
.
.
-50
°c-50
CEh
.
.
.
.
.
.
.
.
.
0
°c0
00h
.
.
.
.
.
.
.
.
.
50
°c50
32h
.
.
.
.
.
.
.
.
.
127
°c
127
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com