Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 45 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 41Page - SMSC Corporation EMC6D103 Datasheet HTML 42Page - SMSC Corporation EMC6D103 Datasheet HTML 43Page - SMSC Corporation EMC6D103 Datasheet HTML 44Page - SMSC Corporation EMC6D103 Datasheet HTML 45Page - SMSC Corporation EMC6D103 Datasheet HTML 46Page - SMSC Corporation EMC6D103 Datasheet HTML 47Page - SMSC Corporation EMC6D103 Datasheet HTML 48Page - SMSC Corporation EMC6D103 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
45
Revision 0.4 (04-04-05)
DATASHEET
7.1.4.6
Programming Options for Each Tachometer Input
The features defined in this section are programmable via the TACHx Option registers located at
offsets 90h-93h and the PWMx Option registers located at offsets 94h-96h.
TACH READING UPDATE TIME
In Mode 1, the Fan Tachometer Reading registers are continuously updated. In Mode 2, the fan
tachometer registers are updated every 300ms, 500msec, or 1000msec. This option is programmed
via bits[1:0] in the PWMx Option register. The PWM associated with a particular TACH(s) determines
the TACH update time.
PROGRAMMED NUMBER OF TACH EDGES
In modes 1 & 2, the number of edges is programmable for 2, 3, 5 or 9 edges (i.e., ½ tachometer pulse,
1 tachometer pulse, 2 tachometer pulses, 4 tachometer pulses). This option is programmed via bits[2:1]
in the TachX Option register.
Note: The “5 edges” case corresponds to two tachometer pulses, or 1 RPM for most fans. Using
the other edge options will require software to scale the values in the reading register to
correspond to the count for 1 RPM.
GUARD TIME (MODE 2 ONLY)
The guard time is programmable from 8 to 63 clocks (90kHz). This option is programmed via bits[4:3]
in the TachX Option register.
IGNORE FIRST 3 TACHOMETER EDGES (MODE 2 ONLY)
Option to ignore first 3 tachometer edges after guard time. This option is programmed for each
tachometer via bits[2:0] in the TACHx Option register. Default is do not ignore first 3 tachometer edges
after guard time.
7.1.4.7
Summary of Operation for Modes 1 & 2
The following summarizes the detection cases:
■
No edge occurs during the PWM ‘ON’ time: indicate this condition as a stalled fan
−The tachometer reading register contains FFFFh.
■
One edge (or less than programmed number of edges) occurs during the PWM ‘ON’ time :
indicate this condition as a slow fan.
−If the SLOW bit is set to 0, the tachometer reading register will be set to FFFEh to indicate that
this is a slow fan instead of a seized fan. Note: This operation also pertains to the case where the
tachometer counter reaches FFFFh before the programmed number of edges occurs.
−If the SLOW bit is set to one, the tachometer reading register will be set to FFFFh. In this case,
no distinction is made between a slow or seized fan.
Note: The Slow Interrupt feature (SLOW) is configured in the TACHx Options registers at offsets 90h
to 93h.
■
The programmed number of edges occurs:
-Mode 1: If the programmed number of edges occurs before the counter reaches FFFFh latch the
tachometer count
-Mode 2: If the programmed number of edges occurs during the PWM ‘ON’ time: latch the
tachometer count. (see Note below).
Notes:
■
Whenever the programmed number of edges is detected, the edge detection ends and the state
machine is reset. The tachometer reading register is updated with the tachometer count value at
this time. See Note 7.1 below for the one exception to this behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com