Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 59 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 55Page - SMSC Corporation EMC6D103 Datasheet HTML 56Page - SMSC Corporation EMC6D103 Datasheet HTML 57Page - SMSC Corporation EMC6D103 Datasheet HTML 58Page - SMSC Corporation EMC6D103 Datasheet HTML 59Page - SMSC Corporation EMC6D103 Datasheet HTML 60Page - SMSC Corporation EMC6D103 Datasheet HTML 61Page - SMSC Corporation EMC6D103 Datasheet HTML 62Page - SMSC Corporation EMC6D103 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
59
Revision 0.4 (04-04-05)
DATASHEET
The register is used by application software to identify which device has been implemented in the given
system. Based on this information, software can determine which registers to read from and write to.
Further, application software may use the current stepping to implement work-arounds for bugs found
in a specific silicon stepping. This register is read only – a write to this register has no effect.
8.2.8
Register 40h: Ready/Lock/Start Monitoring
Setting the Lock bit makes the Lock bit read only.
Note: There is a start-up time of up to 82ms for monitoring after the start bit is set to ‘1’, during which
time the reading registers are not valid.
The following summarizes the operation of the part based on the Start bit:
1. If Start bit = '0' then:
a. Fans are set to Full On.
b. No voltage, temperature, or fan tach monitoring is performed. The values in the reading registers
will be N/A (Not Applicable), which means these values will not be considered valid readings until
the Start bit = '1'. The exception to this is the Tachometer reading registers, which always give the
actual reading on the TACH pins.
c. No Status bits are set.
Table 8.12 Register 40h: Ready/Lock/Start Monitoring
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
40h
R/W
Ready/Lock/Start
RES
RES
RES
RES
OVRID
READY
LOCK
START
00h
Table 8.13 Ready/Lock/Start Monitoring
BIT
NAME
R/W
DEFAULT
DESCRIPTION
0
START
R/W
0
When software writes a 1 to this bit, the EMC6D103 enables
monitoring and PWM output control functions based on the limit and
parameter registers. Before this bit is set, the part does not update
register values. Whenever this bit is set to 0, the monitoring and PWM
output control functions are based on the default limits and
parameters, regardless of the current values in the limit and parameter
registers. The EMC6D103 preserves the values currently stored in the
limit and parameter registers when this bit is set or cleared. This bit is
not affected by setting the Lock bit.
Note:
When this bit is 0, all fans are on full 100% duty cycle, i.e.,
PWM pins are high for 255 clocks, low for 1 clock. When this
bit is 0, the part is not monitoring.
1
LOCK
R/W
0
Setting this bit to 1 locks specified limit and parameter registers. Once
this bit is set, limit and parameter registers become read only and will
remain locked until the device is powered off. This register bit becomes
read only once it is set.
2
READY
R
0
The EMC6D103 sets this bit automatically after the part is fully
powered up, has completed the power-up-reset process, and after all
A/D converters are functioning (all bias conditions for the A/Ds have
stabilized and the A/Ds are in operational mode). (Always reads back
‘1’.)
3
OVRID
R/W
0
If this bit is set to 1, all PWM outputs go to 100% duty cycle regardless
of whether or not the lock bit is set.
4-7
Reserved
R
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com