Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 74 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation EMC6D103 Datasheet HTML 74Page - SMSC Corporation EMC6D103 Datasheet HTML 75Page - SMSC Corporation EMC6D103 Datasheet HTML 76Page - SMSC Corporation EMC6D103 Datasheet HTML 77Page - SMSC Corporation EMC6D103 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.4 (04-04-05)
74
SMSC EMC6D103
DATASHEET
This register contains the following bits:
Bit[0] Low-Power Mode Select
0= Sleep Mode (default)
1= Shutdown Mode
Bit[1] Monitoring Mode Select
0= Continuous Monitor Mode (default)
1= Cycle Monitor Mode
Bit[2] INT# Enable
0=Disables INT# pin output function (default)
1=Enables INT# pin output function
Bit[3] SMSC Reserved
This is a read/write bit. Reading this bit has no effect. Writing this bit to ‘1’ may cause unwanted
results.
Bit [4] SMSC Reserved
This is a read/write bit. Reading this bit has no effect. Writing this bit to ‘1’ may cause
unwanted results.
Bits [7:5] AVG[2:0]
The AVG[2:0] bits determine the amount of averaging for each of the six measurements that are
performed by the hardware monitor before the reading registers are updated (Table 8.43, "AVG[2:0] Bit
Decoder"). The AVG[2:0] bits are priority encoded where the most significant bit has highest priority.
For example, when the AVG2 bit is asserted, 32 averages will be performed for each measurement
before the reading registers are updated regardless of the state of the AVG[1:0] bits.
Note: The default for the AVG[2:0] bits is ‘010’b.
Table 8.43 AVG[2:0] Bit Decoder
SFTR[7:5]
AVERAGES PER READING
AVG2
AVG1
AVG0
REM DIODE 1
REM DIODE 2
INTERNAL DIODE
ALL VOLTAGE
READINGS
(+2.5V, +5V, +12V,
VCCP, AND VCC)
0
0
0
128
128
8
8
00
1
16
16
1
1
01
X
16
16
16
16
1X
X
32
32
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com