Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 46 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 42Page - SMSC Corporation EMC6D103 Datasheet HTML 43Page - SMSC Corporation EMC6D103 Datasheet HTML 44Page - SMSC Corporation EMC6D103 Datasheet HTML 45Page - SMSC Corporation EMC6D103 Datasheet HTML 46Page - SMSC Corporation EMC6D103 Datasheet HTML 47Page - SMSC Corporation EMC6D103 Datasheet HTML 48Page - SMSC Corporation EMC6D103 Datasheet HTML 49Page - SMSC Corporation EMC6D103 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.4 (04-04-05)
46
SMSC EMC6D103
DATASHEET
Note 7.1
This max value will be FFFFh if the programmed number of edges is detected when the
count reaches FFFFh or if no edges are detected. If the count reaches FFFFh in Mode 1
and some edges were detected, but less than the programmed number of edges, the
maximum tach count value is determined by the Slow Interrupt Enable bit located in the
TACHx Options registers at offsets 90h to 93h. If slow interrupt detection is set to 0, the
count will be forced to FFFEh, else the count will be forced to FFFFh.
7.1.4.8
Examples of Minimum RPMs Supported
The following tables show minimum RPMs that can be supported with the different parameters. The
first table uses 3 edges and the second table uses 2 edges.
Note 7.2
100% duty cycle is 255/256.
Note 7.3
RPM=60/TRevolution, TTachPulse= TRevolution/2. Using 3 edges for detection, TTachPulse =
(PWM ”ON” Time – Guard Time). Minimum RPM values shown use minimum guard time
(88.88usec).
Table 7.2 Minimum RPM Detectable Using 3 Edges
PWM
FREQUENCY
PULSE WIDTH AT DUTY CYCLE
(PWM ”ON” TIME)
MINIMUM RPM AT DUTY CYCLE (Note 7.3)
(30/TTachPulse)
(HZ)
25%
(MSEC)
50%
(MSEC)
100%
(MSEC)
(Note 7.2)
25%
50%
100%
87.7
2.85
5.7
11.36
10865
5347
2662
58.6
4.27
8.53
17
7175
3554
1774
44
5.68
11.36
22.64
5366
2662
1330
35.2
7.1
14.2
28.3
4279
2126
1063
29.3
8.53
17.06
34
3554
1768
885
21.9
11.42
22.83
45.48
2648
1319
661
14.6
17.12
34.25
68.23
1761
878
440
11
22.73
45.45
90.55
1325
661
332
Table 7.3 Minimum RPM Detectable Using 2 Edges
PWM
FREQUENCY
PULSE WIDTH AT DUTY CYCLE
(PWM ”ON” TIME)
MINIMUM RPM AT DUTY CYCLE (Note 7.5)
(30/TTachPulse)
(HZ)
25%
(MSEC)
50%
(MSEC)
100%
(MSEC)
(Note 7.4)
25%
50%
100%
87.7
2.85
5.7
11.36
5433
2673
1331
58.6
4.27
8.53
17
3588
1777
887
44
5.68
11.36
22.64
2683
1331
665
35.2
7.1
14.2
28.3
2139
1063
532
29.3
8.53
17.06
34
1777
884
442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com