Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 82 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 78Page - SMSC Corporation EMC6D103 Datasheet HTML 79Page - SMSC Corporation EMC6D103 Datasheet HTML 80Page - SMSC Corporation EMC6D103 Datasheet HTML 81Page - SMSC Corporation EMC6D103 Datasheet HTML 82Page - SMSC Corporation EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.4 (04-04-05)
82
SMSC EMC6D103
DATASHEET
8.2.40
Register 97h: SMSC Test Register
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
This is an SMSC Test Register. Writing to this register may cause unwanted results.
8.2.41
Register 98h:SMSC Test Register
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
This is an SMSC Test Register. Writing to this register may cause unwanted results.
8.2.42
Register FFh: SMSC Test Register
This register is an SMSC Test register.
Table 8.58 Register 97h: SMSC Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
97h
R/W
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
5Ah
Table 8.59 Register 98h:SMSC Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
98h
R/W
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
F1h
Table 8.60 Register FFh: SMSC Test Register
Register
Address
Read/
Write
Register
Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
98h
R
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com