Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 67 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 63Page - SMSC Corporation EMC6D103 Datasheet HTML 64Page - SMSC Corporation EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
67
Revision 0.4 (04-04-05)
DATASHEET
8.2.16
Registers 5F-61h: Zone Temperature Range, PWM Frequency
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
In Auto Fan Mode, when the temperature for a zone is above the Low Temperature Limit (registers
67-69h) and below the Absolute Temperature Limit (registers 6A-6Ch) the speed of a fan assigned to
that zone is determined as follows by the auto fan control logic.
When the temperature reaches the temperature value programmed in the Zone x Low Temp Limit
register, the PWM output assigned to that zone is at PWMx Minimum Duty Cycle. Between Zone x
Low Temp Limit and (Zone x Low Temp Limit + Zone x Range), the PWM duty cycle increases linearly
according to the temperature as shown in the figure below.
Figure 8.1 Fan Activity Above Fan Temp Limit
Table 8.26 Fan Spin-Up Register
SPIN[2:0]
SPIN UP TIME
000
0 sec
001
100ms
010
250ms (default)
011
400ms
100
700ms
101
1000ms
110
2000ms
111
4000ms
Table 8.27 Registers 5F-61h: Zone Temperature Range, PWM Frequency
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
5Fh
R/W
Zone 1 Range / Fan 1
Frequency
RAN3
RAN2
RAN1
RAN0
FRQ3
FRQ2
FRQ1
FRQ0
C3h
60h
R/W
Zone 2 Range / Fan 2
Frequency
RAN3
RAN2
RAN1
RAN0
FRQ3
FRQ2
FRQ1
FRQ0
C3h
61h
R/W
Zone 3 Range / Fan 3
Frequency
RAN3
RAN2
RAN1
RAN0
FRQ3
FRQ2
FRQ1
FRQ0
C3h
Temperature
Below Fan Temp Limit: Fan is off or at Fan PWM
Minimum depending on bit[7:5] of register 62h
and bit 2 of register 7Fh
Temperature LIMIT: PWM
output at MIN FAN SPEED
LIMIT+ RANGE: PWM
Output at 100% Duty
PWM Duty is linear over
this range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com