Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 89 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 89 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 81Page - SMSC Corporation EMC6D103 Datasheet HTML 82Page - SMSC Corporation EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation EMC6D103 Datasheet HTML 87Page - SMSC Corporation EMC6D103 Datasheet HTML 88Page - SMSC Corporation EMC6D103 Datasheet HTML 89Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 89 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
89
Revision 0.4 (04-04-05)
DATASHEET
Figure B.4 Remote Diode (Apply to Remote2 Lines)
Notes:
1. 2.2nF cap is optional and should be placed close to the EMC6D103 if used.
2. The voltage at PWM3 must be at least 2.0V to avoid triggering Address Enable.
3. The Remote Diode + and Remote Diode - tracks should be kept close together, in parallel with
grounded guard tracks on each side. Using wide tracks will help to minimize inductance and
reduce noise pickup. A 10 mil track minimum width and spacing is recommended. See Figure B.5,
"Suggested Minimum Track Width and Spacing".
.
Figure B.5 Suggested Minimum Track Width and Spacing
Remote Diode +
Remote Diode -
2.2nF
External Temperature
Sensing Diode
(MMBT3904)
GND
GND
D+
D-
10 mil.
10 mil.
10 mil.
10 mil.
10 mil.
10 mil.
10 mil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com