Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 17 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 17 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 13Page - Leshan Radio Company LR8406 Datasheet HTML 14Page - Leshan Radio Company LR8406 Datasheet HTML 15Page - Leshan Radio Company LR8406 Datasheet HTML 16Page - Leshan Radio Company LR8406 Datasheet HTML 17Page - Leshan Radio Company LR8406 Datasheet HTML 18Page - Leshan Radio Company LR8406 Datasheet HTML 19Page - Leshan Radio Company LR8406 Datasheet HTML 20Page - Leshan Radio Company LR8406 Datasheet HTML 21Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PCB LAYOUT CONSIDERATIONS
The high speed operation of the
demands careful attention to board layout. You will not get
advertised performance with careless layout.
In the
boost regulator circuit, high pulsing current flows through two circuit loops. The first loop
starts from the input capacitors, to the filter inductor, to the SW pin, to the internal NMOS switch, to
the ground and back to the input capacitor, when the main switch turns on. The second loop starts from
input capacitor, to the filter inductor, to the SW pin, to the internal PMOS switch, to the VOUT pin, to the
ground and back to the input capacitor, when the main switch is off(while the synchronous switch is on).
In PCB layout, minimizing the two loops area reduces the noise of this circuit and improves efficiency.
Figure 17 shows the recommended component placement.
RECOMMENDED COMPONENT PLACEMENT. TRACES
CARRYING HIGH CURRENT ARE DIRECT. TRACE AREA AT
FB PIN IS SMALL. LEAD LENGTH TO BATTERY IS SHORT
Figure 17. Recommended Component Placement for Single Layer Board
For the best electric and thermal performance, the following suggestions should be taken. These items
are also illustrated graphically in Figure 17.
1)
The GND pin of the IC is the ground connection for high-current power converter node. High current
return for the low-side driver and power N-MOSFET. Connect GND with large copper areas directly to
the input and output supply returns and negative terminals of the input and output capacitors. It is
desirable to maximize the PCB copper area connecting to GND pin to achieve the best thermal and
noise performance. A multilayer board with a separate ground plane is ideal, but not absolutely
necessary.
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com