Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR8406 Datasheet HTML 1Page - Leshan Radio Company LR8406 Datasheet HTML 2Page - Leshan Radio Company LR8406 Datasheet HTML 3Page - Leshan Radio Company LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
integrated circuits may be more susceptible to damage because very small parametric changes could cause the device
not to meet its published specifications.
DISSIPATION RATINGS
(1)
PACKAGE
JA
(2)
TA 25
POWER RATING
DERATING FACTOR ABOVE TA=25
SOT-23-6
250°C /W
400mW
4mW/°C
(1) Exceeding the maximum junction temperature will force the device into thermal shutdown.
(2)
JA is measured in the natural convection at TA=25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNITS
Supply voltage at VIN
0.9
5.5
V
Output voltage at VOUT
2.5
5.5
V
Operating free air temperature range
(1), T
A
-40
85
Operating junction temperature range, Tj
-40
125
(1) The
is guaranteed to meet performance specifications from 0°C to 70°C. Specifications over the –40°C to 85
°C operating temperature range are assured by design, characterization and correlation with statistical process controls.
ELECTRICAL CHARACTERISTICS
Typical values are at TA=25
, unless otherwise specified, specifications apply for condition
VIN=VCE=1.2V, VOUT=3.3 V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
(1)
MAX
UNITS
POWER SUPPLIES
Minimum Start-Up Voltage
VSTART
ILOAD=1mA
0.85
1
V
Minimum Operating Voltage
(2)
VIN(MIN)
VCE=VIN
0.5
0.65
V
Operating quiescent current into VOUT
IQ
Measured On VOUT,
Nonswitching
300
500
A
Shutdown Current into IN
ISHDN-IN
VCE=0V
0.1
1.0
A
CHIP ENABLE INPUT LOGIC SIGNAL CE
CE High-level Voltage
VCEH
VCE Falling, Device ON
1.5
VIN
V
CE Low-level Voltage
VCEL
VCE Rising, Device Off
0.4
V
CE Leakage Current
ICE
VCE=5.0V
±0.1
±1
A
OSCILLATOR
Oscillator Frequency
fosc
0.9
1.2
1.5
MHz
Max Duty Cycle
DMAX
VFB=1.15V
80
87
%
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com