Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 9 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company LR8406 Datasheet HTML 10Page - Leshan Radio Company LR8406 Datasheet HTML 11Page - Leshan Radio Company LR8406 Datasheet HTML 12Page - Leshan Radio Company LR8406 Datasheet HTML 13Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
at the output of the error amplifier. A voltage divider from VOUT to ground programs the output voltage via
FB from 2.5V to 5.5V using the equation:
VOUT=1.23V [1+(R2/R1)]
Current Sensing: Lossless current sensing converts a signal representing NMOS switch current to a
voltage to be summed with the internal slope compensation. The summed signal is compared to the error
amplifier output to provide a peak current control command for the PWM. Peak switch current is limited to
approximately 1.2A independent of input or output voltage. The switch current signal is blanked for 40ns
to enhance noise rejection.
Zero Current Comparator: The zero current comparator monitors the inductor current to the output and
shuts off the synchronous rectifier once this current reduces to approximately 27mA. This prevents the
inductor current from reversing in polarity thereby improving efficiency at light loads.
Antiringing Control: The antiringing control circuitry prevents high frequency ringing of the SW pin as
the inductor current goes to zero in discontinuous mode by placing a resistor across the inductor to damp
the resonant circuit formed by L and CSW (capacitance on SW pin).
OUTPUT DISCONNECT AND INRUSH LIMITING
The
is designed to allow true output disconnect by eliminating backgate diode conduction of the
internal PMOS rectifier. In conventional synchronous rectifier circuits, the backgate diode of the high-
side PMOS is forward biased in shutdown and allows current flowing from the battery to the output.
However, this device uses a special circuit which takes the cathode of the backgate diode of the high-
side PMOS and disconnects it from the source when the converter is not enabled (CE=low).
The benefit of this feature for the system design engineer is that the battery is not depleted during
shutdown of the converter. No additional components must be added to the design to make sure that the
battery is disconnected from the output of the converter. This allows VOUT to go to zero volts during
shutdown, drawing zero current from the input source.
It also allows for inrush current limiting at start-up, minimizing surge currents seen by the input supply.
Note that to obtain the advantage of output disconnect, there must not be an external Schottky diode
connected between the SW pin and VOUT.
Board layout is extremely critical to minimize voltage overshoot on the SW pin due to stray inductance.
Keep the output filter capacitor as close as possible to the VOUT pin and use very low ESR/ESL ceramic
capacitors tied to a good ground plane. For applications with VOUT over 4.3V, a Schottky diode is required
to limit the peak SW voltage to less than 6V unless some form of external snubbing is employed. This
diode must also be placed very close to the pins to minimize stray inductance.
See the Applications Information.
DEVICE SHUTDOWN
When CE is set logic high, the
is put into active mode operation. If CE is set logic low, the device
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com