Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 3Page - Leshan Radio Company LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company LR8406 Datasheet HTML 10Page - Leshan Radio Company LR8406 Datasheet HTML 11Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
BLOCK DIAGRAM
Future 2. Functional Block Diagram
DETAILED DESCRIPTION
The
is a 1.2MHz synchronous boost converter housed in a 6-lead thin SOT-23 package. Able to
operate from an input voltage below 1V, the devices feature fixed frequency, current mode PWM control
for exceptional line and load regulation. With its low RDS(ON) and gate charge internal MOSFET switches,
the devices maintain high efficiency over a wide range of load current. Its high 1.2MHz switching
frequency facilitates output filter component size reduction for improved power density and reduced
overall footprint. It also provides greater bandwidth and improved transient response over other lower
frequency boost converters.
Operation can be best understood by referring to the Functional Block Diagram.
CONTROLLER CIRCUIT
The controller circuit of the device is based on a fixed frequency multiple feed-forward controller topology.
Input voltage, output voltage, and voltage drop on the NMOS switch are monitored and forwarded to the
regulator. So, changes in the operating conditions of the converter directly affect the duty cycle and must
not take the indirect and slow way through the control loop and the error amplifier. The control loop,
determined by the error amplifier, only has to handle small signal errors. The input for it is the feedback
voltage on the FB pin. It is compared with the internal reference voltage to generate an accurate and
stable output voltage.
The peak current of the NMOS switch is also sensed to limit the maximum current flowing through the
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com