Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company LR8406 Datasheet HTML 10Page - Leshan Radio Company LR8406 Datasheet HTML 11Page - Leshan Radio Company LR8406 Datasheet HTML 12Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
switch and the inductor. The typical peak-current limit is set to 1.2A. An internal temperature sensor
prevents the device from getting overheated in case of excessive power dissipation.
SYNCHRONOUS RECTIFICATION
The device integrates an N-channel and a P-channel MOSFET transistor to realize a synchronous rectifier,
which improves efficiency and eliminates the need of an external Schottky diode. Because the commonly
used discrete Schottky rectifier is replaced with a low RDS(on) PMOS switch, which reduces the conduction
loss , the power conversion efficiency reaches values above 90%.
SLOPE COMPENSATION
The
is based on a slope compensated current mode PWM control topology. It operates at a fixed
frequency of 1.2MHz. At the beginning of each clock cycle, the main switch (NMOS) is turned on and the
inductor current starts to ramp.
After the maximum duty cycle or the sense current signal equals the error amplifier (EA) output, the main
switch is turned off and the synchronous switch (PMOS) is turned on. Slope compensation provides
stability in constant frequency architecture by preventing sub-harmonic oscillations at high duty cycles. It
is accomplished internally by adding a compensating ramp to the inductor current signal at duty cycles in
excess of 50%.This control topology features stable switching and cycle-by-cycle current limiting which
can prevent the main switch from overstress and the external inductor from saturating, it provides
excellent load and line response.
LOW VOLTAGE START-UP
The
includes an independent start-up oscillator designed to start up at a typical VIN voltage of
0.85V or higher. In this mode, the IC operates completely open-loop and the current limit is also
set internally to 600mA typically. The low voltage start-up circuitry controls the internal NMOS switch up
to a maximum peak inductor current of 600mA typically, with an approximate 0.5ms (approx.) off-time
during start-up, allowing the devices to start up into an output load. Once the output voltage exceeds
2.3V, the start-up circuitry is disabled and normal close-loop fixed frequency PWM operation is
initiated. In this mode, the
power themselves from VOUT instead of VIN and operates
independent of VIN, allowing extended operating time as the battery voltage can droop to several tenths
of a volt without affecting the circuit operation. The only limiting factor for the application becomes the
ability of the battery to supply sufficient energy to the output. The current limit is also set internally to
1.2A typically
LOW NOISE FIXED FREQUENCY OPERATION
Oscillator: The frequency of operation is internally set to 1.2MHz.
Error Amplifier: The error amplifier is an internally compensated transconductance type (current output).
The internal 1.23V reference voltage is compared to the voltage at the FB pin to generate an error signal
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com