Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8406 Datasheet HTML 1Page - Leshan Radio Company LR8406 Datasheet HTML 2Page - Leshan Radio Company LR8406 Datasheet HTML 3Page - Leshan Radio Company LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
INTRODUCTION:
FEATURES:
The
devices provide a power supply
solution for products powered by either a one-cell,
two-cell, or three-cell alkaline, NiCd or NiMH, or
one-cell Li-ion or Li-polymer battery. The boost
converter
is
based
on
a
fixed
frequency,
pulse-width-modulation (PWM) controller using a
synchronous rectifier to obtain maximum efficiency,
which contain an internal NMOS switch and
PMOS synchronous rectifier. The maximum peak
current in the boost switch is typically limited to a
value of 1.2A.
A switching frequency of 1.2MHz minimizes
solution footprint by allowing the use of tiny, low
profile inductors and ceramic capacitors. The
current
mode
PWM
design
is
internally
compensated, reducing external parts count.
Anti-ringing control circuitry reduces EMI concerns
by damping the inductor in discontinuous mode.
The converter can be disabled to minimize battery
drain. During shutdown, the load is completely
disconnected
from
the
battery.
The
device
features low shutdown current less than 1 A.
Up to 96% Efficiency
True Output Load Disconnect During
Shutdown
Delivers 100mA@3.3V from Single AA Cell
Delivers 300mA@5V from Two AA Cells
Delivers 600mA@5V from Single Li Cell
Low Voltage Start-Up: 0.85V
Continuous Switching at Light Loads
Internal Synchronous Rectifier
Current Mode Control
with Internal Compensation
1.2MHz Fixed Frequency Switching
Input Range: 0.5V to 4.5V
Output Range: 2.5V to 4.3V (Up to 5.5V with
Schottky)
Logic Controlled Shutdown(<1 A)
Anti-ringing Control Minimizes EMI
1.2A Peak Switch Current Limit
Over Temperature Protection
Tiny External Components
Low Profile (1mm) SOT-23 Package
APPLICATIONS
Digital Still and Video Cameras
Portable Applications Using Single Li+ Cell
Bus Powered USB Hosts
USB Hosts Without Native 5-V Supplies
Portable Audio Players
LCD Bias Supplies
White LED Lighting
Wireless Handsets
GPS Receivers
Personal Medical Products
1.2A, 1.2MHz Synchronous Boost Converter
with Output Disconnect
Series
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR8406

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
LR8401 LRC-LR8401 Datasheet
688Kb / 10P
Synchronous Step-Up DC/DC
More results

Similar Description - LR8406

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com